Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2985-10DBVT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985-10DBVT
Description  LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-10DBVT Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP2985-10DBVT Datasheet HTML 13Page - Texas Instruments LP2985-10DBVT Datasheet HTML 14Page - Texas Instruments LP2985-10DBVT Datasheet HTML 15Page - Texas Instruments LP2985-10DBVT Datasheet HTML 16Page - Texas Instruments LP2985-10DBVT Datasheet HTML 17Page - Texas Instruments LP2985-10DBVT Datasheet HTML 18Page - Texas Instruments LP2985-10DBVT Datasheet HTML 19Page - Texas Instruments LP2985-10DBVT Datasheet HTML 20Page - Texas Instruments LP2985-10DBVT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
For a CMOS regulator, the dropout voltage is determined by the drain-source on-state resistance (RDS(ON)) of the
pass transistor. Therefore, if the linear regulator operates at less than the rated current, the dropout voltage for
that current scales accordingly. The following equation calculates the RDS(ON) of the device.
R
=
DS(ON)
V
DO
I
RATED
(1)
7.3.3 Current Limit
The device has an internal current limit circuit that protects the regulator during transient high-load current faults
or shorting events. The current limit is a brick-wall scheme. In a high-load current fault, the brick-wall scheme
limits the output current to the current limit (ICL). ICL is listed in the Electrical Characteristics table.
The output voltage is not regulated when the device is in current limit. When a current limit event occurs, the
device begins to heat up because of the increase in power dissipation. When the device is in brick-wall current
limit, the pass transistor dissipates power [(VIN – VOUT) × ICL]. If thermal shutdown is triggered, the device
turns off. After the device cools down, the internal thermal shutdown circuit turns the device back on. If the
output current fault condition continues, the device cycles between current limit and thermal shutdown. For more
information on current limits, see the Know Your Limits application note.
Figure 7-1 shows a diagram of the current limit.
VOUT(NOM)
0 V
0 mA
VOUT
ICL
IRATED
IOUT
Brickwall
Figure 7-1. Current Limit
7.3.4 Undervoltage Lockout (UVLO)
The device has an independent undervoltage lockout (UVLO) circuit that monitors the input voltage, allowing a
controlled and consistent turn on and off of the output voltage. To prevent the device from turning off if the input
drops during turn on, the UVLO has hysteresis as specified in the Electrical Characteristics table.
www.ti.com
LP2985
SLVS522Q – JULY 2004 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LP2985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com