Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2985-10DBVT Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985-10DBVT
Description  LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-10DBVT Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP2985-10DBVT Datasheet HTML 21Page - Texas Instruments LP2985-10DBVT Datasheet HTML 22Page - Texas Instruments LP2985-10DBVT Datasheet HTML 23Page - Texas Instruments LP2985-10DBVT Datasheet HTML 24Page - Texas Instruments LP2985-10DBVT Datasheet HTML 25Page - Texas Instruments LP2985-10DBVT Datasheet HTML 26Page - Texas Instruments LP2985-10DBVT Datasheet HTML 27Page - Texas Instruments LP2985-10DBVT Datasheet HTML 28Page - Texas Instruments LP2985-10DBVT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
3.27
3.29
3.31
3.33
3.35
3.37
3.39
3.41
2
2.5
3
3.5
4
4.5
5
5.5
VI
VO
20 ms/div→
VO = 3.3 V
Cbyp = 0 nF
IO = 150 mA
Figure 8-9. Line Transient Response for Legacy
Chip
20
s/div
0
40
80
120
160
200
240
280
3.27
3
3.29
3.5
3.31
4
3.33
4.5
3.35
5
3.37
5.5
3.39
6
3.41
6.5
VO
VIN
VOUT = 3.3 V, CBYP = 0 nF, ΔVIN = 1 V, IOUT = 150 mA, dV/dt =
1 V/μ
Figure 8-10. Line Transient Response for New Chip
3.27
3.29
3.31
3.33
3.35
3.37
3.39
3.41
2
2.5
3
3.5
4
4.5
5
5.5
VO = 3.3 V
Cbyp = 10 nF
IO = 150 mA
VI
VO
20 ms/div→
Figure 8-11. Line Transient Response for Legacy
Chip
20
s/div
0
20
40
60
80
100 120 140 160 180 200
3.296
3
3.298
3.5
3.3
4
3.302
4.5
3.304
5
3.306
5.5
3.308
6
3.31
6.5
3.312
7
VO
VIN
VOUT = 3.3 V, CBYP = 10 nF, ΔVIN = 1 V, IOUT = 150 mA, dV/dt
= 1 V/μ
Figure 8-12. Line Transient Response for New Chip
3.27
3.29
3.31
3.33
3.35
3.37
3.39
3.41
2
2.5
3
3.5
4
4.5
5
5.5
VO = 3.3 V
Cbyp = 0 nF
IO = 1 mA
VI
VO
20 ms/div→
Figure 8-13. Line Transient Response for Legacy
Chip
20
s/div
0
40
80
120
160
200
240
280
3.27
3
3.29
3.5
3.31
4
3.33
4.5
3.35
5
3.37
5.5
3.39
6
3.41
6.5
VO
VIN
VOUT = 3.3 V, CBYP = 0 nF, ΔVIN = 1 V, IOUT = 1 mA, dV/dt = 1
V/μ
Figure 8-14. Line Transient Response for New Chip
www.ti.com
LP2985
SLVS522Q – JULY 2004 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: LP2985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com