Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2021 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX2021
Description  700MHz to 1200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX2021 Datasheet HTML 7Page - Maxim Integrated Products MAX2021 Datasheet HTML 8Page - Maxim Integrated Products MAX2021 Datasheet HTML 9Page - Maxim Integrated Products MAX2021 Datasheet HTML 10Page - Maxim Integrated Products MAX2021 Datasheet HTML 11Page - Maxim Integrated Products MAX2021 Datasheet HTML 12Page - Maxim Integrated Products MAX2021 Datasheet HTML 13Page - Maxim Integrated Products MAX2021 Datasheet HTML 14Page - Maxim Integrated Products MAX2021 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
700MHz to 1200MHz High-Linearity,
SPI-Controlled DVGA with Integrated Loopback Mixer
______________________________________________________________________________________
13
MAX2058/MAX2059*
90
°
DUAL DAC
QUAD AMP
ZERO-IF
MODS/DEMODS
RF DIGITAL VGAs
MAX9491*
VCO + PLL
I
12
Q
12
SPI
LOGIC
31dB
RF OUT
*FUTURE PRODUCTS—CONTACT FACTORY FOR SAMPLES
SPI
CONTROL
LOOPBACK
OUT
(FEEDS BACK
INTO Rx CHAIN
FRONT-END)
Rx
OFF
45, 80,
OR
95MHz
LO
17.5dB
31dB
∑
0
°
MAX5873
MAX4395
MAX2021/MAX2022/MAX2023*
Figure 2. Direct Conversion Transmitter for GSM/EDGE Basestations
The 5 MSBs of the 10-bit word program attenuator A,
and the 5 LSBs of the 10-bit word program attenuator
B. Each bit sets the attenuators to a corresponding
attenuation level. For example, logic-low 0 for bit 5 and
bit 0 of attenuator A and B, respectively, sets both
attenuators at 1dB. 00000 configures both attenuators
for 31dB attenuation and 11111 sets for 0dB attenua-
tion. See Table 1 for programming details.
External Bias
Bias currents for the two-stage amplifier and the loop-
back mixer are set and optimized with external resistors.
Resistor R1 (pin 31) sets the bias current for the input
amplifier, R2 (pin 20) sets the bias current for the output
amplifier, and R3 (pin 40) sets the bias for the loopback
mixer. The external biasing resistor values can be
increased for reduced current operation at the expense
of performance. Contact the factory for details.
Board Layout
The pin configuration of the MAX2058 has been opti-
mized to facilitate a very compact physical layout of the
device and its associated discrete components.
The exposed paddle (EP) of the MAX2058’s thin QFN-
EP package provides a low thermal-resistance path to
the die. It is important that the PC board on which the
MAX2058 is mounted be designed to conduct heat
from the EP. In addition, provide the EP with a low-
inductance path to electrical ground. The EP MUST be
soldered to a ground plane on the PC board, either
directly or through an array of plated via holes.
COMPONENT
VALUE
DESCRIPTION
C1, C4, C10, C13,
C16
0.1µF
Microwave capacitors (0603)
C2, C5, C8, C17
100pF
Microwave capacitors (0402)
C3, C6, C14, C19
47pF
Microwave capacitors (0402)
C7, C18
0.01µF
Microwave capacitors (0402)
C9, C12, C15
1000pF
Microwave capacitors (0402)
C11
3.9pF
Microwave capacitor (0402)
R1
1.2k
Ω
±1% resistor (0402)
R2
3.92k
Ω ±1% resistor (0402)
R3
2.0k
Ω
±1% resistor (0402)
R4
110
Ω
±1% resistor (0402)
T1
2:1
RF transformer (100:50)
Mini-Circuits TC2-1T
U1
—
MAX2058 MAXIM IC
Table 2. Component List Referring to the
Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com