Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2021 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2021
Description  700MHz to 1200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2021 Datasheet HTML 1Page - Maxim Integrated Products MAX2021 Datasheet HTML 2Page - Maxim Integrated Products MAX2021 Datasheet HTML 3Page - Maxim Integrated Products MAX2021 Datasheet HTML 4Page - Maxim Integrated Products MAX2021 Datasheet HTML 5Page - Maxim Integrated Products MAX2021 Datasheet HTML 6Page - Maxim Integrated Products MAX2021 Datasheet HTML 7Page - Maxim Integrated Products MAX2021 Datasheet HTML 8Page - Maxim Integrated Products MAX2021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
700MHz to 1200MHz High-Linearity,
SPI-Controlled DVGA with Integrated Loopback Mixer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(MAX2058
Typical Application Circuit, VCC = +4.75V to +5.25V, R1 = 1.2kΩ, R2 = 3.92kΩ, R3 = 2kΩ, TC = -40°C to +85°C. Typical
values are at VCC = +5.0V and TC = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +5.5V
RSET1, RSET2......................................................+1.2V to +4.0V
LBBIAS .......................................................(VCC - 1.5V) to +5.5V
LB_EN, DATA,
CS, CLK .............................-0.3V to (VCC + 0.3V)
ATTEN_INA, ATTEN_INB, ATTEN_OUTA, ATTEN_OUTB
Input Power .................................................................+24dBm
AMPIN, Differential LO Input Power ...............................+12dBm
Continuous Power Dissipation (TA = +70°C)
40-Pin TQFN (derated 26.3mW/°C above +70°C) ......2100mW
Operating Temperature Range (Note A) .............-40°C to +85°C
Junction Temperature ......................................................+150°C
θJC....................................................................................10°C/W
θJA....................................................................................38°C/W
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
Reference to VCC, VCCLB, VCCLOGIC,
VCCBIAS1, VCCBIAS2, VCCAMP
4.75
5.0
5.25
V
LB mixer disabled (LB_EN = 1)
134
156
Total Supply Current
ICC
LB mixer enabled (LB_EN = 0)
158
186
mA
LOGIC INPUTS (DATA,
CS, CLK, LB_EN)
Input High Voltage
VIH
2.4
V
Input Low Voltage
VIL
0.8
V
Input Current with Logic-High
IIH
0.01
µA
Input Current with Logic-Low
IIL
0.01
µA
AC ELECTRICAL CHARACTERISTICS
(MAX2058
Typical Application Circuit, VCC = +4.75V to +5.25V, digital attenuators set for maximum gain, 700MHz ≤ fRF ≤ 1200MHz,
40MHz ≤ fLO ≤ 100MHz, TC = -40°C to +85°C. Typical values are at VCC = 5.0V, PIN = 0dBm, fRF = 940MHz, PLO = -6dBm, fLO =
45MHz, fLBOUT = fRF - fLO, and TC = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX2058
700
1200
RF Frequency (Note 2)
MAX2059
1800
2200
MHz
Small-Signal Gain
AV
fRF = 940MHz, TC = +25°C
8.4
10.5
12.8
dB
TC = -40°C to +25°C
-0.014
Gain Variation vs. Temperature
All attenuation
settings
TC = +25°C to +85°C
-0.021
dB/°C
Output Power
POUT
PIN = 0dBm, fRF = 940MHz, TC = +25°C
8.4
10.5
12.8
dBm
800MHz to 900MHz
0.13
Output Power Flatness
PIN = 0dBm
900MHz to 1000MHz
-0.52
dB
Attenuation Range
62
dB
Output Third-Order Intercept
Point
OIP3
Two tones: fRF1 = 940MHz, fRF2 = 941MHz,
POUT1 = POUT2 = +5dBm
32.3
dBm
Note A: TC is the temperature on the exposed paddle of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com