Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2021 Datasheet (PDF) - Maxim Integrated Products

MAX2021 Datasheet PDF - Maxim Integrated Products
Part # MAX2021
Download  MAX2021 Download
File Size   809.86 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 700MHz to 1200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer

MAX2021 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2021 Datasheet PDF - Maxim Integrated Products

Part # MAX2021
Download  MAX2021 Click to download

File Size   809.86 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 700MHz to 1200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer

MAX2021 Datasheet (HTML) - Maxim Integrated Products


MAX2021 Product details

General Description
The MAX2058 high-linearity digital-variable-gain amplifier (DVGA) is designed to provide 62dB of total gain range and typical output IP3 and output P1dB levels of +32.3dBm and +19dBm, respectively. The device is ideal for a variety of applications, including RFID handheld and portal readers, as well as single and multicarrier 700MHz to 1200MHz GSM/EDGE, cdma2000®, WCDMA, and iDEN® base stations. The MAX2058 yields a high level of component integration, which includes two 5-bit, 31dB digital attenuators, a two-stage driver amplifier, a loopback mixer, and a serial interface to control the attenuators.
The MAX2058 is pin compatible with the MAX2059 1800MHz to 2200MHz DVGA, facilitating an easy design-in for applications where a common PC board layout is used for both frequency bands.
The MAX2058 is available in a 40-pin thin QFN package with an exposed paddle. Electrical performance is guaranteed over a -40°C to +85°C temperature range.

Features
♦ +32.3dBm Typical Output IP3
♦ +19dBm Typical Output 1dB Compression Point
♦ 700MHz to 1200MHz RF Frequency Range
♦ 1800MHz to 2200MHz RF Frequency Range (MAX2059)
♦ 10.5dB Typical Small-Signal Gain
♦ Includes Two Independent 31dB Attenuator
   Stages, Yielding 62dB of Total Gain-Control Range with 1dB Steps
♦ 3-Wire SPI™/MICROWIRE™-Compatible
♦ Integrated Loopback Mixer for Tx/Rx Self Diagnostics
♦ +5V Single-Supply Operation
♦ External Current-Setting Resistors for Scalable Device Power
♦ Lead-Free Package Available

Applications
   GSM 850/GSM 900 2G and 2.5G EDGE Base Station Transmitters and Power Amplifiers
   Cellular cdmaOne™, cdma2000, and Integrated Digital Enhanced Network (iDEN) Base-Station Transmitters and Power Amplifiers
   WCDMA 850MHz and Other 3G Base-Station Transmitters and Power Amplifiers
   Transmitter Gain Control
   Receiver Gain Control
   Broadband Systems
   Automatic Test Equipment
   Digital and Spread-Spectrum Communication Systems
   Microwave Terrestrial Links
   RFID Handheld and Portal Readers




Similar Part No. - MAX2021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2021 MAXIM-MAX2021 Datasheet
237Kb / 14P
High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Rev 0; 3/06
MAX2021 MAXIM-MAX2021 Datasheet
789Kb / 14P
1700MHz to 2200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 7/06
MAX2021 MAXIM-MAX2021 Datasheet
248Kb / 8P
Evaluation Kit
Rev 0; 10/06
MAX2021 MAXIM-MAX2021 Datasheet
588Kb / 20P
High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
Rev 2; 4/13
MAX2021ETX MAXIM-MAX2021ETX Datasheet
237Kb / 14P
High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Rev 0; 3/06
More results


Similar Description - MAX2021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2059 MAXIM-MAX2059 Datasheet
789Kb / 14P
1700MHz to 2200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 7/06
MAX9985 MAXIM-MAX9985 Datasheet
216Kb / 15P
Dual, SiGe, High-Linearity, 700MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/07
logo
Agilent(Hewlett-Packard...
IAM-93516 HP-IAM-93516 Datasheet
144Kb / 10P
High Linearity Integrated GaAs Mixer
logo
Maxim Integrated Produc...
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19985A MAXIM-MAX19985A Datasheet
1Mb / 23P
Dual, SiGe, High-Linearity, 700MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/08
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31122-BLKG AVAGO-ALM-31122-BLKG Datasheet
622Kb / 12P
700MHz - 1GHz 1-Watt High Linearity Amplifier
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
High Linearity Mixer
logo
AVAGO TECHNOLOGIES LIMI...
IAM-93516 AVAGO-IAM-93516 Datasheet
209Kb / 10P
High Linearity Integrated GaAs Mixer
logo
Guerrilla RF, Inc.
GRF7001 GUERRILLA-GRF7001 Datasheet
1Mb / 13P
High Linearity Mixer with Integrated LO Buffer
05/27/21
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com