Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB108 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS9DB108
Description  Eight Output Differential Buffer for PCI-Express
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9DB108 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS9DB108 Datasheet HTML 1Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 2Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 3Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 4Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 5Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 6Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 7Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 8Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS9DB108
(Not recommended for new designs)
0723G—12/02/08
Pin Description (Continued)
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
25
GND
PWR
Ground pin.
26
PD#
IN
Asynchronous active low input pin used to power down the
device. The internal clocks are disabled and the VCO and the
crystal are stopped.
27
SRC_STOP#
IN
Active low input to stop diff outputs.
28
HIGH_BW#
PWR
3.3V input for selecting PLL Band Width
0 = High, 1= Low
29
DIF_4#
OUT
0.7V differential complement clock outputs
30
DIF_4
OUT
0.7V differential true clock outputs
31
VDD
PWR
Power supply, nominal 3.3V
32
GND
PWR
Ground pin.
33
DIF_5#
OUT
0.7V differential complement clock outputs
34
DIF_5
OUT
0.7V differential true clock outputs
35
OE_5
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
36
OE_6
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
37
DIF_6#
OUT
0.7V differential complement clock outputs
38
DIF_6
OUT
0.7V differential true clock outputs
39
VDD
PWR
Power supply, nominal 3.3V
40
GND
PWR
Ground pin.
41
DIF_7#
OUT
0.7V differential complement clock outputs
42
DIF_7
OUT
0.7V differential true clock outputs
43
OE_4
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
44
OE_7
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
45
LOCK
OUT
3.3V output indicating PLL Lock Status. This pin goes high
when lock is achieved.
46
IREF
IN
This pin establishes the reference current for the differential
current-mode output pairs. This pin requires a fixed precision
resistor tied to ground in order to establish the appropriate
current. 475 ohms is the standard value.
47
GNDA
PWR
Ground pin for the PLL core.
48
VDDA
PWR
3.3V power for the PLL core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com