Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB108 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS9DB108
Description  Eight Output Differential Buffer for PCI-Express
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9DB108 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS9DB108 Datasheet HTML 4Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 5Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 6Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 7Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 8Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 9Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 10Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 11Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Integrated
Circuit
Systems, Inc.
ICS9DB108
(Not recommended for new designs)
0723G—12/02/08
SMBus Table: Frequency Select Register, READ/WRITE ADDRESS (DC/DD)
Pin #
Name
Control Function Type
0
1
PWD
Bit 7
RW
driven
Hi-Z
0
Bit 6
RW
driven
Hi-Z
0
Bit 5
RW
X
Bit 4
RW
X
Bit 3
RW
X
Bit 2
RW
High BW
Low BW
1
Bit 1
RW
fan-out
ZDB
1
Bit 0
RW
x/2
1x
1
SMBus Table: Output Control Register
Pin #
Name
Control Function Type
0
1
PWD
Bit 7
DIF_7
Output Control
RW
Disable
Enable
1
Bit 6
DIF_6
Output Control
RW
Disable
Enable
1
Bit 5
DIF_5
Output Control
RW
Disable
Enable
1
Bit 4
DIF_4
Output Control
RW
Disable
Enable
1
Bit 3
DIF_3
Output Control
RW
Disable
Enable
1
Bit 2
DIF_2
Output Control
RW
Disable
Enable
1
Bit 1
DIF_1
Output Control
RW
Disable
Enable
1
Bit 0
DIF_0
Output Control
RW
Disable
Enable
1
Byte 0
-
PD# drive mode
-
SRC_Stop# drive mode
-
Reserved
Reserved
-
Reserved
Reserved
-
Reserved
Reserved
-
PLL_BW# adjust
-
BYPASS#/PLL
-
SRC_DIV#
Byte 1
42,41
38,37
34,33
30,29
20,21
16,17
12,13
8,9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com