Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB108 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS9DB108
Description  Eight Output Differential Buffer for PCI-Express
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9DB108 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9DB108 Datasheet HTML 1Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 2Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 3Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 4Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 5Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 6Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 7Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 8Page - Renesas Technology Corp ICS9DB108 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Integrated
Circuit
Systems, Inc.
ICS9DB108
(Not recommended for new designs)
0723G—12/02/08
Not
recommended
for
ne
w
designs
Pin Configuration
Recommended Application:
DB800 Intel Yellow Cover part with PCI-Express support.
Output Features:
•
8 - 0.7V current-mode differential output pairs
•
Supports zero delay buffer mode and fanout mode
•
Bandwidth programming available
Key Specifications:
•
Outputs cycle-cycle jitter < 50ps
•
Outputs skew: 50ps
•
+/- 300ppm frequency accuracy on output clocks
Features/Benefits:
•
Supports tight ppm accuracy clocks for Serial-ATA
•
Spread spectrum modulation tolerant, 0 to -0.5% down
spread and +/- 0.25% center spread
•
Supports undriven differential output pair in PD# and
SRC_STOP# for power management.
Eight Output Differential Buffer for PCI-Express
48-pin SSOP & TSSOP
SRC_DIV#
1
48 VDDA
VDD
2
47 GNDA
GND
3
46 IREF
SRC_IN
4
45 LOCK
SRC_IN#
5
44 OE_7
OE_0
6
43 OE_4
OE_3
742 DIF_7
DIF_0
841 DIF_7#
DIF_0#
940 GND
GND 10
39 VDD
VDD 11
38 DIF_6
DIF_1 12
37 DIF_6#
DIF_1# 13
36 OE_6
OE_1 14
35 OE_5
OE_2 15
34 DIF_5
DIF_2 16
33 DIF_5#
DIF_2# 17
32 GND
GND 18
31 VDD
VDD 19
30 DIF_4
DIF_3 20
29 DIF_4#
DIF_3# 21
28 HIGH_BW#
BYPASS#/PLL 22
27 SRC_STOP#
SCLK 23
26 PD#
SDATA 24
25 GND


Similar Part No. - ICS9DB108

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9DB108 ICST-ICS9DB108 Datasheet
109Kb / 15P
Eight Output Differential Buffer for PCI-Express
ICS9DB108YFLFT ICST-ICS9DB108YFLFT Datasheet
109Kb / 15P
Eight Output Differential Buffer for PCI-Express
More results

Similar Description - ICS9DB108

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9DB108 ICST-ICS9DB108 Datasheet
109Kb / 15P
Eight Output Differential Buffer for PCI-Express
ICS9DB104 ICST-ICS9DB104 Datasheet
105Kb / 13P
Four Output Differential Buffer for PCI-Express
ICS9DB401 ICST-ICS9DB401 Datasheet
163Kb / 16P
Four Output Differential Buffer for PCI Express
logo
Integrated Device Techn...
ICS9DBL411 IDT-ICS9DBL411 Datasheet
82Kb / 9P
Four Output Differential Fanout Buffer for PCI Express Gen 1 & 2
ICS9DB801C IDT-ICS9DB801C Datasheet
203Kb / 19P
Eight Output Differential Buffer for PCI Express (50-200MHz)
ICS9DB401C IDT-ICS9DB401C Datasheet
244Kb / 17P
Four Output Differential Buffer for PCI Express
logo
Renesas Technology Corp
9DB401C RENESAS-9DB401C Datasheet
321Kb / 18P
Four Output Differential Buffer for PCI Express
1/27/11
ICS9DB104 RENESAS-ICS9DB104 Datasheet
326Kb / 15P
Four Output Differential Buffer for PCI-Express
2019
ICS9DB801C RENESAS-ICS9DB801C Datasheet
283Kb / 20P
Eight Output Differential Buffer for PCI Express (50-200MHz)
2019
ICS9DBL411A RENESAS-ICS9DBL411A Datasheet
228Kb / 10P
Four Output Differential Fanout Buffer for PCI Express Gen 1 & 2
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com