Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB102BGLF Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 9DB102BGLF
Description  Two Output Differential Buffer for PCIe Gen1 & Gen2
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB102BGLF Datasheet(HTML) 4 Page - Renesas Technology Corp

  9DB102BGLF Datasheet HTML 1Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 2Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 3Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 4Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 5Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 6Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 7Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 8Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IDT®
Two Output Differential Buffer for PCIe Gen1 & Gen2
852
REV Q 08/27/13
ICS9DB102
Two Output Differential Buffer for PCIe Gen1 & Gen2
4
Electrical Characteristics - PCIEX 0.7V Current Mode Differential Pair
TA = Tambient; VDD = 3.3 V +/-5%; CL =2pF, RS=33.2Ω, RP=49.9Ω, IREF = 475Ω
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Current Source Output
Impedance
Zo
VO = Vx
3000
Ω
1
Voltage High
VHigh
660
850
1,3
Voltage Low
VLow
-150
150
1,3
Max Voltage
Vovs
1150
1,3
Min Voltage
Vuds
-300
1,3
Crossing Voltage (abs) Vcross(abs)
250
350
550
mV
1,3
Crossing Voltage (var)
d-Vcross
Variation of crossing over all
edges
12
140
mV
1,3
Long Accuracy
ppm
see Tperiod min-max values
0
ppm
1,2
100.00MHz nominal
9.9970
10.0030
ns
2
100.00MHz spread
9.9970
10.0533
ns
2
Absolute min period
Tabsmin
100.00MHz nominal/spread
9.8720
ns
1,2
Rise Time
tr
VOL = 0.175V, VOH = 0.525V
175
700
ps
1
Fall Time
tf
VOH = 0.525V VOL = 0.175V
175
700
ps
1
Rise Time Variation
d-tr
30
125
ps
1
Fall Time Variation
d-tf
30
125
ps
1
tpd
PLL Mode.
0
150
ps
1
tpdbyp
Bypass mode
3.7
4.2
ns
1
Duty Cycle
dt3
Measurement from differential
wavefrom
45
55
%
1
Output-to-Output Skew
tsk3
VT = 50%
25
ps
1
tjcyc-cyc
PLL mode. Measurement from
differential wavefrom
35
ps
1
tjcyc-cycbyp
Additve Jitter in Bypass Mode
30
ps
1
1Guaranteed by design, not 100% tested in production.
.
3I
REF = VDD/(3xRR).
For RR = 475Ω (1%), IREF = 2.32mA. IOH = 6 x IREF and VOH = 0.7V @ ZO=50Ω.
2 The 9DB102 does not add a ppm error to the input clock
Input to Output Delay
Jitter, Cycle to cycle
mV
Measurement on single ended
signal using absolute value.
mV
Average period
Tperiod
Statistical measurement on
single ended signal using



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com