Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB102BGLF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 9DB102BGLF
Description  Two Output Differential Buffer for PCIe Gen1 & Gen2
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB102BGLF Datasheet(HTML) 1 Page - Renesas Technology Corp

  9DB102BGLF Datasheet HTML 1Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 2Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 3Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 4Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 5Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 6Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 7Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 8Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ICS9DB102
IDT®
Two Output Differential Buffer for PCIe Gen1 & Gen2
852
REV Q
08/27/13
Two Output Differential Buffer for PCIe Gen1 & Gen2
DATASHEET
1
SPREAD
COMPATIBLE
PLL
CONTROL
LOGIC
SMBDAT
SMBCLK
CLK_INT
C LK_IN C
PLL_BW
IREF
PCIEX0
PCIEX1
CLKREQ1#
CLKREQ0#
Description
Output Features
The ICS9DB102 zero-delay buffer supports PCI Express
clocking requirements. The ICS9DB102 is driven by a differential
SRC output pair from an ICS CK410/CK505-compliant main
clock. It attenuates jitter on the input clock and has a selectable
PLL Band Width to maximize performance in systems with or
without Spread-Spectrum clocking.
•
2 - 0.7V current mode differential output pairs (HCSL)
Functional Block Diagram
Key Specifications
•
Cycle-to-cycle jitter < 35ps
•
Output-to-output skew < 25ps
Features/Benefits
•
CLKREQ# pin for outputs 1 and 4/output enable for Express
Card applications
•
PLL or bypass mode/PLL can dejitter incoming clock
•
Selectable PLL bandwidth/minimizes jitter peaking in
downstream PLL’s
•
Spread Spectrum Compatible/tracks spreading input clock
for low EMI
•
SMBus Interface/unused outputs can be disabled
•
Industrial temperature range available


Similar Part No. - 9DB102BGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DB102BGLF IDT-9DB102BGLF Datasheet
187Kb / 13P
Two Output Differential Buffer for PCIe Gen1 & Gen2
logo
Renesas Technology Corp
9DB102BGLF RENESAS-9DB102BGLF Datasheet
267Kb / 14P
Two Output Differential Buffer for PCIe Gen1 & Gen2
REV Q 08/27/13
logo
Integrated Device Techn...
9DB102BGLFT IDT-9DB102BGLFT Datasheet
187Kb / 13P
Two Output Differential Buffer for PCIe Gen1 & Gen2
logo
Renesas Technology Corp
9DB102BGLFT RENESAS-9DB102BGLFT Datasheet
267Kb / 14P
Two Output Differential Buffer for PCIe Gen1 & Gen2
REV Q 08/27/13
More results

Similar Description - 9DB102BGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DB233 IDT-9DB233 Datasheet
198Kb / 14P
Two Output Differential Buffer for PCIe Gen3
9DB1200C IDT-9DB1200C Datasheet
155Kb / 14P
Twelve Output Differential Buffer for PCIe Gen1/Gen2, QPI, and FBDIMM
ICS9DB102 IDT-ICS9DB102_10 Datasheet
187Kb / 13P
Two Output Differential Buffer for PCIe Gen1 & Gen2
logo
Renesas Technology Corp
9DB233 RENESAS-9DB233 Datasheet
376Kb / 18P
TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
OCTOBER 20, 2016
9DB1200C RENESAS-9DB1200C Datasheet
298Kb / 15P
Twelve Output Differential Buffer for PCIe Gen1/Gen2, QPI, and FBDIMM
8/15/12
9DB433 RENESAS-9DB433 Datasheet
431Kb / 18P
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
MAY 25, 2018
9DB833 RENESAS-9DB833 Datasheet
407Kb / 19P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
MAY 25, 2018
ICS9DB423 RENESAS-ICS9DB423 Datasheet
512Kb / 21P
4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
2019
ICS9DB803D RENESAS-ICS9DB803D Datasheet
458Kb / 23P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
2019
ICS9DB823B RENESAS-ICS9DB823B Datasheet
482Kb / 23P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2 AND QPI
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com