Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB102BGLF Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 9DB102BGLF
Description  Two Output Differential Buffer for PCIe Gen1 & Gen2
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB102BGLF Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 9DB102BGLF Datasheet HTML 6Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 7Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 8Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 9Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 10Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 11Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 12Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 13Page - Renesas Technology Corp 9DB102BGLF Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
IDT®
Two Output Differential Buffer for PCIe Gen1 & Gen2
852
REV Q 08/27/13
ICS9DB102
Two Output Differential Buffer for PCIe Gen1 & Gen2
12
INDEX
AREA
INDEX
AREA
12
1 2
N
D
E1
E
α
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
- C -
b
c
L
aaa C
MINMAX
MINMAX
A
--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.19
0.30
.007
.012
c
0.09
0.20
.0035
.008
D
6.40
6.60
.252
.260
E
E1
4.30
4.50
.169
.177
e
L
0.45
0.75
.018
.030
N
a
0°8°
0°8°
aaa
--
0.10
--
.004
10-0035
0.65 BASIC
Reference Doc.: JEDEC Publication 95, MO-153
20
20
20-Lead, 4.40 mm. Body, 0.65 mm. Pitch TSSOP
6.40 BASIC
0.252 BASIC
0.0256 BASIC
COMMON DIMENSIONS
In Millimeters
In Inches
COMMON DIMENSIONS
(173 mil)
(25.6 mil)
SYMBOL
20-Pin TSSOP Package Drawing and Dimensions
Ordering Information
Part / Order Number Shipping Packaging
Package
Temperature
9DB102BFLF
Tubes
20-pin SSOP
0 to +70°C
9DB102BFLFT
Tape and Reel
20-pin SSOP
0 to +70°C
9DB102BFILF
Tubes
20-pin SSOP
-40 to +85°C
9DB102BFILFT
Tape and Reel
20-pin SSOP
-40 to +85°C
9DB102BGLF
Tubes
20-pin TSSOP
0 to +70°C
9DB102BGLFT
Tape and Reel
20-pin TSSOP
0 to +70°C
9DB102BGILF
Tubes
20-pin TSSOP
-40 to +85°C
9DB102BGILFT
Tape and Reel
20-pin TSSOP
-40 to +85°C
"LF" after the package code are the Pb-Free configuration and are RoHS compliant.
"B" is the device revision designator (will not correlate to the datasheet revision).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com