Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB423 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS9DB423
Description  4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9DB423 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS9DB423 Datasheet HTML 2Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 3Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 4Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 5Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 6Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 7Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 8Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 9Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ICS9DB423B
4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
IDT®
4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
6
ICS9DB423B
REV E 091812
Electrical Characteristics–Input/Supply/Common Output Parameters
TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
3.3 V +/-5%
2
VDD + 0.3
V
Input Low Voltage
VIL
3.3 V +/-5%
GND - 0.3
0.8
V
Input High Current
IIH
VIN = VDD
-5
5
uA
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
uA
IIL2
VIN = 0 V; Inputs with pull-up resistors
-200
uA
Operating Supply Current
IDD3.3OP
Full Active, CL = Full load;
200
mA
all diff pairs driven
60
mA
all differential pairs tri-stated
6
mA
FiPLL
PCIe Mode (Bypass/133/100= 1)
50
100.00
110
MHz
FiPLL
QPI Mode (Bypass/133/100= M)
67
133.33
140
MHz
FiBYPASS
Bypass Mode (Bypass/133/100= 0)
33
400
MHz
Pin Inductance
Lpin
7nH
CIN
Logic Inputs, except SRC_IN
1.5
5
pF
CINSRC_IN
SRC_IN differential clock inputs
1.5
2.7
pF
COUT
Output pin capacitance
6
pF
-3dB point in High BW Mode
2
3
4
MHz
-3dB point in Low BW Mode
0.7
1
1.4
MHz
PLL Jitter Peaking
tJPEAK
Peak Pass band Gain
1.5
2
dB
Clk Stabilization
TSTAB
From VDD Power-Up and after input clock
stabilization or de-assertion of PD# to 1st clock
1ms
Input SS Modulation
Frequency
fMODIN
Allowable Frequency
(Triangular Modulation)
30
33
kHz
OE# Latency
tLATOE#
DIF start after OE# assertion
DIF stop after OE# deassertion
1
3
cycles
Tdrive_DIF_Stop#
tDRVSTP
DIF output enable after
DIF_Stop# de-assertion
10
ns
Tdrive_PD#
tDRVPD
DIF output enable after
PD# de-assertion
300
us
Tfall
tF
Fall time of PD# and DIF_Stop#
5
ns
Trise
tR
Rise time of PD# and DIF_Stop#
5
ns
SMBus Voltage
VMAX
Maximum input voltage
5.5
V
Low-level Output Voltage
VOL
@ IPULLUP
0.4
V
Current sinking at VOL
IPULLUP
4mA
SCLK/SDATA
Clock/Data Rise Time
tRSMB
(Max VIL - 0.15) to
(Min VIH + 0.15)
1000
ns
SCLK/SDATA
Clock/Data Fall Time
tFSMB
(Min VIH + 0.15) to
(Max VIL - 0.15)
300
ns
SMBus Operating Frequency
fMAXSMB
Maximum SMBus operating frequency
100
kHz
1Guaranteed by design and characterization, not 100% tested in production.
2See timing diagrams for timing requirements.
5The differential input clock must be running for the SMBus to be active
IDD3.3PD
3Time from deassertion until outputs are >200 mV
Input Low Current
Powerdown Current
PLL Bandwidth
BW
Input Frequency
Capacitance
4SRC_IN input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com