Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB423 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS9DB423
Description  4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9DB423 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS9DB423 Datasheet HTML 4Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 5Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 6Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 7Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 8Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 9Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 10Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 11Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ICS9DB423B
4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
IDT®
4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
8
ICS9DB423B
REV E 091812
Clock Periods–Differential Outputs with Spread Spectrum Enabled
Clock Periods–Differential Outputs with Spread Spectrum Disabled
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
Lg-
-SSC
-ppm error
0ppm
+ ppm error
+SSC
Lg+
Absolute
Period
Short-term
Average
Long-Term
Average
Period
Long-Term
Average
Short-term
Average
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Nominal
Maximum
Maximum
Maximum
DIF 100
9.949
9.999
10.024
10.025
10.026
10.051
10.101
ns
1,2,3
DIF 133
7.449
7.499
7.518
7.519
7.520
7.538
7.588
ns
1,2,4
DIF 166
5.949
5.999
6.014
6.015
6.016
6.031
6.081
ns
1,2,5
DIF 200
4.950
5.000
5.012
5.013
5.013
5.026
5.076
ns
1,2,5
DIF 266
3.700
3.750
3.759
3.759
3.760
3.769
3.819
ns
1,2,5
DIF 333
2.950
3.000
3.007
3.008
3.008
3.015
3.065
ns
1,2,5
DIF 400
2.450
2.500
2.506
2.506
2.507
2.513
2.563
ns
1,2,5
Units
Measurement
Window
Symbol
Notes
Definition
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
Lg-
-SSC
-ppm error
0ppm
+ ppm error
+SSC
Lg+
Absolute
Period
Short-term
Average
Long-Term
Average
Period
Long-Term
Average
Short-term
Average
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Nominal
Maximum
Maximum
Maximum
DIF 100
9.949
9.999
10.000
10.001
10.051
ns
1,2,3
DIF 133
7.449
7.499
7.500
7.501
7.551
ns
1,2,4
DIF 166
5.949
5.999
6.000
6.001
6.051
ns
1,2,5
DIF 200
4.950
5.000
5.000
5.001
5.051
ns
1,2,5
DIF 266
3.700
3.750
3.750
3.750
3.800
ns
1,2,5
DIF 333
2.950
3.000
3.000
3.000
3.050
ns
1,2,5
DIF 400
2.450
2.500
2.500
2.500
2.550
ns
1,2,5
1Guaranteed by design and characterization, not 100% tested in production.
3 Driven by SRC output of main clock, PCIe PLL Mode or Bypass mode
4 Driven by CPU output of main clock, QPI PLL Mode or Bypass mode
5 Driven by CPU output of CK410B+/CK420BQ/CK505 main clock, Bypass mode only
Definition
2 All Long Term Accuracy specifications are guaranteed with the assumption that the input clock complies with CK410B+ accuracy
requirements. The 9DB423/823 itself does not contribute to ppm error.
Notes
Measurement
Window
Units
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com