Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB423 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ICS9DB423
Description  4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9DB423 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ICS9DB423 Datasheet HTML 13Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 14Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 15Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 16Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 17Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 18Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 19Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 20Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
ICS9DB423B
4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
IDT®
4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
18
ICS9DB423B
REV E 091812
Package Outline and Package Dimensions (28-pin TSSOP, 4.40mm Body, 0.65 Pitch)
Ordering Information
"LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
“B” is the device revision designator (will not correlate with the datasheet revision).
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes
no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No
other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications
such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT
does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.
INDEX
AREA
1 2
28
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
aaa C
c
L
Millimeters
Inches
Symbol
Min
Max
Min
Max
A--
1.20
--
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.032
0.041
b
0.19
0.30
0.007
0.012
C
0.09
0.20
0.0035
0.008
D
9.60
9.80
0.378
0.386
E
6.40 BASIC
0.252 BASIC
E1
4.30
4.50
0.169
0.177
e
0.65 Basic
0.0256 Basic
L
0.45
0.75
0.018
0.030
α
0
°
8
°
0
°
8
°
aaa
--
0.10
--
0.004
Part / Order Number
Shipping Packaging
Package
Temperature
9DB423BFLF
Tubes
28-pin SSOP
0 to +70°C
9DB423BFLFT
Tape and Reel
28-pin SSOP
0 to +70°C
9DB423BGLF
Tubes
28-pin TSSOP
0 to +70°C
9DB423BGLFT
Tape and Reel
28-pin TSSOP
0 to +70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com