Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS462 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS9LPRS462
Description  Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS462 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS9LPRS462 Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 9Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 10Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ICS9LPRS462
Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
IDTTM/ICSTM
Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
1378A—04/07/08
7
AC Electrical Characteristics - Low-Power DIF Outputs: SRC and ATIG
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Rising Edge Slew Rate
t
SLR
Differential Measurement
0.5
2
V/ns
1,2
Falling Edge Slew Rate
t
FLR
Differential Measurement
0.5
2
V/ns
1,2
Slew Rate Variation
t
SLVAR
Single-ended Measurement
20
%
1
Maximum Output Voltage
V
HIGH
Includes overshoot
1150
mV
1
Minimum Output Voltage
V
LOW
Includes undershoot
-300
mV
1
Differential Voltage Swing
V
SWING
Differential Measurement
300
mV
1
Crossing Point Voltage
V
XABS
Single-ended Measurement
300
550
mV
1,3,4
Crossing Point Variation
V
XABSVAR
Single-ended Measurement
140
mV
1,3,5
Duty Cycle
D
CYC
Differential Measurement
45
55
%
1
SRC, ATIG, Jitter - Cycle to
Cycle
SRCJ
C2C
Differential Measurement
125
ps
1
SRC[5:0] Skew
SRC
SKEW
Differential Measurement
250
ps
1
SB_SRC[1:0] Skew
SRC
SKEW
Differential Measurement
100
ps
1
ATIG[3:0] Skew
SRC
SKEW
Differential Measurement
100
ps
1
1Guaranteed by design and characterization, not 100% tested in production.
2 Slew rate measured through Vswing centered around differential zero
3 Vxabs is defined as the voltage where CLK = CLK#
4 Only applies to the differential rising edge (CLK rising and CLK# falling)
6 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
5 Defined as the total variation of all crossing voltages of CLK rising and CLK# falling. Matching applies to rising edge rate of
Electrical Characteristics - USB - 48MHz
PARAMETER
SYMBOL
CONDITIONS*
MIN
TYP
MAX
UNITS
NOTES
Long Accuracy
ppm
see Tperiod min-max values
-100
100
ppm
1,2
Clock period
Tperiod
48.00MHz output nominal
20.8229
20.8344
ns
2
Clock Low Time
Tlow
Measure from < 0.6V
9.3750
11.4580
ns
2
Clock High Time
Thigh
Measure from > 2.0V
9.3750
11.4580
ns
2
Output High Voltage
VOH
IOH = -1 mA
2.4
V
1
Output Low Voltage
VOL
IOL = 1 mA
0.55
V
1
V OH @MIN = 1.0 V
-33
mA
1
VOH@MAX = 3.135 V
-33
mA
1
VOL @ MIN = 1.95 V
30
mA
1
VOL @ MAX = 0.4 V
38
mA
1
Rise Time
tr_USB
VOL = 0.4 V, VOH = 2.4 V
0.5
1.5
ns
1
Fall Time
tf_USB
VOH = 2.4 V, VOL = 0.4 V
0.5
1.5
ns
1
Duty Cycle
dt1
VT = 1.5 V
45
55
%1
Group Skew
tskew
VT = 1.5 V
250
ps
1
Jitter, Cycle to cycle
tjcyc-cyc
VT = 1.5 V
130
ps
1,2
*TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%, CL = 5 pF with Rs = 33
Ω (unless otherwise specified)
1Guaranteed by design and characterization, not 100% tested in production.
2ICS recommended and/or chipset vendor layout guidelines must be followed to meet this specification
Output Low Current
IOL
Output High Current
IOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com