Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS462 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS9LPRS462
Description  Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS462 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS9LPRS462 Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 9Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 10Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 11Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 12Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 13Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ICS9LPRS462
Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
IDTTM/ICSTM
Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
1378A—04/07/08
10
Table2: SRC Frequency Selection Table
Bit3 Bit2 Bit1 Bit0
SRC
SS_EN
SRC
FS3
SRC
FS2
SRC
FS1
SRC
FS0
0
0
0
0
0
100.00
0
0%
0
0
0
0
1
101.00
0
1%
0
0
0
1
0
102.00
0
2%
0
0
0
1
1
103.00
0
3%
0
0
1
0
0
104.00
0
4%
0
0
1
0
1
105.00
0
5%
0
0
1
1
0
106.00
0
6%
0
0
1
1
1
107.00
0
7%
0
1
0
0
0
100.00
0
0%
0
1
0
0
1
101.00
0
1%
0
1
0
1
0
102.00
0
2%
0
1
0
1
1
103.00
0
3%
0
1
1
0
0
104.00
0
4%
0
1
1
0
1
105.00
0
5%
0
1
1
1
0
106.00
0
6%
0
1
1
1
1
107.00
0
7%
1
0
0
0
0
100.00
-0.25%
0%
1
0
0
0
1
101.00
-0.25%
1%
1
0
0
1
0
102.00
-0.25%
2%
1
0
0
1
1
103.00
-0.25%
3%
1
0
1
0
0
104.00
-0.25%
4%
1
0
1
0
1
105.00
-0.25%
5%
1
0
1
1
0
106.00
-0.25%
6%
1
0
1
1
1
107.00
-0.25%
7%
1
1
0
0
0
100.00
-0.5%
0%
1
1
0
0
1
101.00
-0.5%
1%
1
1
0
1
0
102.00
-0.5%
2%
1
1
0
1
1
103.00
-0.5%
3%
1
1
1
0
0
104.00
-0.5%
4%
1
1
1
0
1
105.00
-0.5%
5%
1
1
1
1
0
106.00
-0.5%
6%
1
1
1
1
1
107.00
-0.5%
7%
Byte 0
Bit 5
Spread
%
SRC
OverClock
%
SRC(7:0)
(MHz)
Byte 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com