Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS462 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ICS9LPRS462
Description  Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS462 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ICS9LPRS462 Datasheet HTML 16Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 17Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 18Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 19Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 20Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 21Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 22Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 23Page - Renesas Technology Corp ICS9LPRS462 Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ICS9LPRS462
Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
IDTTM/ICSTM
Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
1378A—04/07/08
21
Fig. 1
Shared Pin Operation -
Input/Output Pins
The I/O pins designated by (input/output) on the ICS9LPRS462
serve as dual signal functions to the device. During initial power-
up, they act as input pins. The logic level (voltage) that is present
on these pins at this time is read and stored into a 5-bit internal
data latch. At the end of Power-On reset, (see AC characteristics
for timing values), the device changes the mode of operations for
these pins to an output function. In this mode the pins produce the
specified buffered clocks to external loads.
To program (load) the internal configuration register for these pins,
a resistor is connected to either the VDD (logic 1) power supply or
the GND (logic 0) voltage potential. A 10 Kilohm (10K) resistor is
used to provide both the solid CMOS programming voltage needed
during the power-up programming period and to provide an
insignificant load on the output clock during the subsequent
operating period.
Figure 1 shows a means of implementing this function when a
switch or 2 pin header is used. With no jumper is installed the pin
will be pulled high. With the jumper in place the pin will be pulled
Via to
VDD
Clock trace to load
Series Term. Res.
Programming
Header
Via to Gnd
Device
Pad
2K
W
8.2K
W
low. If programmability is not necessary, than only a single resistor
is necessary. The programming resistors should be located close
to the series termination resistor to minimize the current loop area.
It is more important to locate the series termination resistor close
to the driver than the programming resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com