Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS501 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS9LPRS501
Description  64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS501 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS9LPRS501 Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 9Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 10Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 11Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 12Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 13Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 14Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
IDTTM/ICSTM
64-pin CK505 w/Fully Integrated Voltage Regulator + Integrated Series Resistor
1121G—05/19/11
Advance Information
ICS9LPRS501
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR + INTEGRATED SERIES RESISTOR
11
Functional Block Diagram
Power Groups
ICS9LPRS501 follows Intel CK505 Yellow Cover specification. This clock synthesizer provides a single chip solution
for next generation Intel processors and Intel chipsets. ICS9LPRS501 is driven with a 14.318MHz crystal. It also
provides a tight ppm accuracy output for Serial ATA and PCI-Express support.
General Description
REF
CPU(1:0)
CPU PLL1
SS
OSC
REF
SRC(11-9,7:3)
PLL2
Non-SS
PLL3
SS
7
SRC8/ITP
PCI
SRC2/SATA
SRC1/SE(2:1)
SE Outputs
SATA
DOT96MHz
PCI33MHz
SRC
SRC
SR C _M A IN
PCI33MHz
Differential Output
SRC0/DOT96
48MHz
48MHz
CPU
FSLA
CKPWRGD/PD#
PCI_STOP#
CPU_STOP#
CR#_(A:H)
SRC5_EN
ITP_EN
FSLC/TESTSEL
FSLB/TESTMODE
Control
Logic
X1
X2
VDD
GND
49
52
CPUCLK
Low power outputs
55
52
26, 36, 45
23, 29, 42
Low power outputs
39
23, 29, 42
PLL 1
20
19
Low power outputs
16
19
PLL 3
12
11
DOT 96Mhz
Low power outputs
911
61
58
28
Pin Number
Description
PLL3/SE
Master Clock, Analog
USB 48
Xtal, REF
PCICLK
SRCCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com