Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS501 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ICS9LPRS501
Description  64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS501 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ICS9LPRS501 Datasheet HTML 17Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 18Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 19Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 20Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 21Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 22Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 23Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 24Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
IDTTM/ICSTM
64-pin CK505 w/Fully Integrated Voltage Regulator + Integrated Series Resistor
1121G—05/19/11
Advance Information
ICS9LPRS501
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR + INTEGRATED SERIES RESISTOR
21
Byte 10 CK505 Rev 0.85 Functions (ICS Rev H Silicon and Higher)
Bit
Pin
Name
Description
Type
0
1
Default
7
SRC5_EN Readback
Readback of SRC5 enable latch
R
CPU/PCI Stop Enabled
SRC5 Enabled
Latch
6
Reserved
RW
TBD
TBD
0
5
Reserved
RW
TBD
TBD
0
4
Reserved
RW
TBD
TBD
0
3
Reserved
RW
TBD
TBD
0
2
Reserved
RW
TBD
TBD
0
1
CPU 1 Stop Enable
Enables control of CPU1 with CPU_STOP#
RW
Free Running
Stoppable
1
0
CPU 0 Stop Enable
Enables control of CPU 0 with CPU_STOP#
RW
Free Running
Stoppable
1
Byte 11 CK505 Rev 1.0 functions (ICS Rev P silicon and higher)
Bit
Pin
Name
Description
Type
0
1
Default
7
Reserved
RW
TBD
TBD
0
6
Reserved
RW
TBD
TBD
0
5
Reserved
RW
TBD
TBD
0
4
Reserved
RW
TBD
TBD
0
3
CPU2_iAMT_EN
Enables CPU2(ITP) output in iAMT state (M1)
RW
Off in iAMT
Free running in iAMT
0
2
CPU1_iAMT_EN
Enables CPU1 output in iAMT state (M1)
RW
Off in iAMT
Free running in iAMT
1
1
PCIe-Gen2
PCIe-Gen2 status
R
PCIe Gen1 compliant
PCIe Gen2 compliant
0
0
CPU2 Stop Enable
Enables control of CPU2(ITP) with CPU_STOP#
RW
Free Running
Stoppable
1
Byte 12 Byte Count Register
Bit
Pin
Name
Description
Type
0
1
Default
7
Reserved
RW
0
6
Reserved
RW
0
5
BC5
RW
0
4
BC4
RW
0
3
BC3
RW
1
2
BC2
RW
1
1
BC1
RW
0
0
BC0
RW
1
Byte 13 CK505 PLL1 M/N Programming Register
Bit
Pin
Name
Description
Type
0
1
Default
7
N Div8
N Divider 8
RW
-
-
X
6
N Div9
N Divider 9
RW
-
-
X
5
M Div5
RW
-
-
X
4
M Div4
RW
-
-
X
3
M Div3
RW
-
-
X
2
M Div2
RW
-
-
X
1
M Div1
RW
-
-
X
0
M Div0
RW
-
-
X
Byte 14 CK505 PLL1 M/N Programming Register
Bit
Pin
Name
Description
Type
0
1
Default
7
N Div7
RW
-
-
X
6
N Div6
RW
-
-
X
5
N Div5
RW
-
-
X
4
N Div4
RW
-
-
X
3
N Div3
RW
-
-
X
2
N Div2
RW
-
-
X
1
N Div1
RW
-
-
X
0
N Div0
RW
-
-
X
The decimal representation of M Div (5:0) is equal
to reference divider value. Default at power up =
latch-in or Byte 0 Rom table.
Read Back byte count register
The decimal representation of N Div (9:0) is equal
to VCO divider value. Default at power up = latch-
in or Byte 0 Rom table.
Reserved
Reserved
Byte 15 CK505 PLL1 Spread Spectrum Control Register
Bit
Pin
Name
Description
Type
0
1
Default
7
SSP7
RW
-
-
X
6
SSP6
RW
-
-
X
5
SSP5
RW
-
-
X
4
SSP4
RW
-
-
X
3
SSP3
RW
-
-
X
2
SSP2
RW
-
-
X
1
SSP1
RW
-
-
X
0
SSP0
RW
-
-
X
These Spread Spectrum bits will program the
spread pecentage. Contact ICS for the correct
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com