Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS501 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ICS9LPRS501
Description  64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS501 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ICS9LPRS501 Datasheet HTML 19Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 20Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 21Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 22Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 23Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 24Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 25Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 26Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
IDTTM/ICSTM
64-pin CK505 w/Fully Integrated Voltage Regulator + Integrated Series Resistor
1121G—05/19/11
Advance Information
ICS9LPRS501
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR + INTEGRATED SERIES RESISTOR
23
Byte 22 CPU M/N Programming
Bit
Pin
Name
Description
Type
01
Default
7
N Div bit 8
PLL 1 M/N Programming
RW
--
X
6
N Div bit 9
(Intel PLL1 CPU)
RW
--
X
5M Div Bit 5
RW
--
X
4M Div Bit 4
RW
--
X
3M Div Bit 3
RW
--
X
2M Div Bit 2
RW
--
X
1M Div Bit 1
RW
--
X
0M Div Bit 0
RW
--
X
Byte 23 CPU M/N Programming
Bit
Pin
Name
Description
Type
01
Default
7
N Div bit 7
PLL 1 M/N Programming
RW
--
X
6
N Div bit 6
(Intel PLL1 CPU)
RW
--
X
5
N Div bit 5
RW
--
X
4
N Div bit 4
RW
--
X
3
N Div bit 3
RW
--
X
2
N Div bit 2
RW
--
X
1
N Div bit 1
RW
--
X
0N Div Bit 0
RW
--
X
Bytes 24-62 Reserved
Byte 63 Special Power Management Features (Rev P Silicon and Higher)
Bit
Pin
Name
Description
RW
0
1
Default
7
Reserved
RW
0
6
Reserved
RW
0
5
Reserved
RW
0
4
Reserved
RW
0
3
Reserved
RW
0
2
Reserved
RW
0
1
SATA PLL
Power Management Feature
RW
off
on
Note
0
XTAL PD Control
Controls XTAL on/off in legacy PD
RW
off
on
1
Note: Default is "off" for Rev P Silicon and higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com