Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9WDV3501B Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS9WDV3501B
Description  VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9WDV3501B Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS9WDV3501B Datasheet HTML 2Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 3Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 4Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 5Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 6Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 7Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 8Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 9Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IDTTM/ICSTM Voltage Monitor/Watchdog Timer Circuit
1568—05/30/08
Advance Information
ICS9WDV3501B
Voltage Monitor/Watchdog Timer Circuit
7
Advance Information
Ordering Information
9WDV3501BGLFT
Example:
Designation for tape and reel packaging
Lead Free, RoHS Compliant
Package Type
G = TSSOP
Revision Designator (will not correlate with datasheet revision)
Device Type
XXXX B G LF T
MIN
MAX
MIN
MAX
A--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.19
0.30
.007
.012
c
0.09
0.20
.0035
.008
D
E
E1
4.30
4.50
.169
.177
e
L
0.45
0.75
.018
.030
N
a
0°8°0°8°
aaa
--
0.10
--
.004
VARIATIONS
MIN
MAX
MIN
MAX
20
6.40
6.60
.252
.260
10-0035
SEE VARIATIONS
SEE VARIATIONS
0.65 BASIC
Reference Doc.: JEDEC Publication 95, MO-153
N
SEE VARIATIONS
SEE VARIATIONS
D mm.
D (inch)
20-Lead, 4.40 mm. Body, 0.65 mm. Pitch TSSOP
6.40 BASIC
0.252 BASIC
0.0256 BASIC
COMMON DIMENSIONS
In Millimeters
In Inches
COMMON DIMENSIONS
(173 mil)
(25.6 mil)
SYMBOL
INDEX
AREA
INDEX
AREA
12
1
N
D
E1
E1
E
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
-C-
b
c
L
aaa
aaa C
α



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com