Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9WDV3501B Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS9WDV3501B
Description  VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9WDV3501B Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS9WDV3501B Datasheet HTML 2Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 3Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 4Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 5Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 6Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 7Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 8Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 9Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IDTTM/ICSTM Voltage Monitor/Watchdog Timer Circuit
1568—05/30/08
Advance Information
ICS9WDV3501B
Voltage Monitor/Watchdog Timer Circuit
8
Advance Information
Top V iew
Index Area
D
Sawn
Singulation
Anvil
Singulation
A
0. 08
C
C
A3
A1
Seating Plane
E2
E2
2
L
(N
-1)x e
(Ref.)
(Ref.)
& N
N
Even
N
e
D2
2
D2
(Re f.)
&
Odd
1
2
e
2
(T yp.)
If N & N
are Even
(N -1)x
(Ref.)
b
Thermal
Base
N
OR
Chamfer 4x
0.6 x 0.6 max
OPTIONAL
e
D
N
N
D
D
D
Ordering Information
9WDV3501BKLFT
Example:
Designation for tape and reel packaging
Lead Free, RoHS Compliant
Package Type
K = MLF
Revision Designator (will not correlate with datasheet revision)
Device Type
XXXX B K LF T
DIMENSIONS
SYMBOL
MIN.
MAX.
A0.8
1.0
A1
0
0.05
N
20
A3
ND
5
b
0.18
0.3
NE
5
e
D x E BASIC
4.00 x 4.00
D2 MIN. / MAX.
2.00 / 2.25
E2 MIN. / MAX.
2.00 / 2.25
L MIN. / MAX.
0.45 / 0.65
ICS 20L
TOLERANCE
SYMBOL
0.50 BASIC
DIMENSIONS
0.20 Reference
THERMALLY ENHANCED, VERY THIN, FINE PITCH
QUAD FLAT / NO LEAD PLASTIC PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com