Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9WDV3501B Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9WDV3501B
Description  VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9WDV3501B Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9WDV3501B Datasheet HTML 1Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 2Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 3Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 4Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 5Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 6Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 7Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 8Page - Renesas Technology Corp ICS9WDV3501B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IDTTM/ICSTM Voltage Monitor/Watchdog Timer Circuit
1568—05/30/08
Advance Information
ICS9WDV3501B
Voltage Monitor/Watchdog Timer Circuit
2
Advance Information
MLF Pin Configuration
MLF Pin Description
20
19
18
17 16
VDDA 1
15 GNDA
WTB1 2
14 RST1_SEL1
WTB0 3
13 RST1_SEL0
WDI 4
12 RST0_SEL1
RP 5
11 RST0_SEL0
67
8
9 10
9WDV3501
20-pin MLF
pins preceded by '*' have 100kohm internal pull up.
PIN #
(MLF)
PIN NAME
PIN TYPE
DESCRIPTION
1
VDDA
PWR
3.3V Analog Power Supply
2
WTB1
IN
Watchdog timout select bit. (MSB)
3
WTB0
IN
Watchdog timout select bit. (LSB)
4
WDI
IN
Watchdog Input
5
RP
IN
Resistor connection for internal oscillator
6
GND
GND
Ground pin
7
*WDI_EN
IN
This input enables or disables the watchdog timer. 0 = Disable, 1 = Enable
8
RESET1#
OUT
RESET 1 output. Low = Reset, High = Normal Operation
9
RESET0#
OUT
RESET 0 output. Low = Reset, High = Normal Operation
10
VDD
PWR
3.3V Power Supply
11
RST0_SEL0
IN
RESET1 timeout period select (LSB)
12
RST0_SEL1
IN
RESET1 timeout period select (MSB)
13
RST1_SEL0
IN
RESET1 timeout period select (LSB)
14
RST1_SEL1
IN
RESET1 timeout period select (MSB)
15
GNDA
GND
Analog Ground
16
VMON4
IN
Voltage Monitor Input, nominal 1.0V threshold
17
VMON3
IN
Voltage Monitor Input, nominal 1.0V threshold
18
VMON2
IN
Voltage Monitor Input, nominal 1.0V threshold
19
VMON1
IN
Voltage Monitor Input, nominal 1.0V threshold
20
VMON0
IN
Voltage Monitor Input, nominal 1.0V threshold



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com