Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLM20DD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLM20DD
Description  Ultra-low Current 2.4V precision analog temperature sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM20DD Datasheet(HTML) 1 Page - STMicroelectronics

  STLM20DD Datasheet HTML 1Page - STMicroelectronics STLM20DD Datasheet HTML 2Page - STMicroelectronics STLM20DD Datasheet HTML 3Page - STMicroelectronics STLM20DD Datasheet HTML 4Page - STMicroelectronics STLM20DD Datasheet HTML 5Page - STMicroelectronics STLM20DD Datasheet HTML 6Page - STMicroelectronics STLM20DD Datasheet HTML 7Page - STMicroelectronics STLM20DD Datasheet HTML 8Page - STMicroelectronics STLM20DD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
October 2006
Rev 6
1/17
1
STLM20
Ultra-low Current 2.4V precision analog temperature sensor
Feature summary
Precision analog voltage output temperature
sensor
±1.5°C temperature accuracy at 25°C
Ultra-low quiescent supply current: 8.0µA
(max)
Operating voltage range: 2.4V to 5.5V
Operating temperature range:
–55°C to 130°C (grade - 7)
–40°C to 85°C (grade - 9)
SOT323-5 (SC70-5) 5-lead package
UDFN 4-lead package
Applications
Third generation (3G) cell phones
Multimedia PDA devices
GPS devices
Portable medical instruments
Voltage-controlled crystal oscillator
temperature monitors
RF Power transistor monitor
SOT323-5, SC70-5 (W8)
UDFN 4 Lead (DD)
www.st.com


Similar Part No. - STLM20DD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLM20DD7F STMICROELECTRONICS-STLM20DD7F Datasheet
156Kb / 16P
Ultra-low current 2.4V precision analog temperature sensor
26-Nov-2007
STLM20DD9F STMICROELECTRONICS-STLM20DD9F Datasheet
156Kb / 16P
Ultra-low current 2.4V precision analog temperature sensor
26-Nov-2007
More results

Similar Description - STLM20DD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM20 FAIRCHILD-FM20 Datasheet
357Kb / 9P
Ultra-Low-Power Analog Temperature Sensor
logo
National Semiconductor ...
LM19 NSC-LM19 Datasheet
173Kb / 8P
2.4V, 10uA, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20_07 Datasheet
156Kb / 16P
Ultra-low current 2.4V precision analog temperature sensor
26-Nov-2007
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LMT89 TI-LMT89 Datasheet
920Kb / 13P
LMT89 2.4V, 10 A, SC70, Temperature Sensor
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
LMT89 2.4V, 10UA, SC70, Temperature Sensor
LMT70 TI-LMT70 Datasheet
1Mb / 29P
Precision Analog Temperature Sensor, RTD and Precision NTC Thermistor IC
logo
Silicon Microstructures...
SM6250-DDN-T-050-000 SMI-SM6250-DDN-T-050-000 Datasheet
358Kb / 5P
Ultra-Low Pressure Analog Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com