Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLM20DD Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLM20DD
Description  Ultra-low Current 2.4V precision analog temperature sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM20DD Datasheet(HTML) 5 Page - STMicroelectronics

  STLM20DD Datasheet HTML 1Page - STMicroelectronics STLM20DD Datasheet HTML 2Page - STMicroelectronics STLM20DD Datasheet HTML 3Page - STMicroelectronics STLM20DD Datasheet HTML 4Page - STMicroelectronics STLM20DD Datasheet HTML 5Page - STMicroelectronics STLM20DD Datasheet HTML 6Page - STMicroelectronics STLM20DD Datasheet HTML 7Page - STMicroelectronics STLM20DD Datasheet HTML 8Page - STMicroelectronics STLM20DD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STLM20
Summary description
5/17
1
Summary description
The STLM20 is a precision analog output temperature sensor for low current applications
where maximizing battery life is important. It operates over a –55°C to 130°C (grade 7) or
–40°C to 85°C (grade 9) temperature range. The power supply operating range is 2.4V to
5.5V. The accuracy of the STLM20 is ± 1.5°C, at an ambient temperature of 25°C. The
temperature error increases linearly and reaches a maximum of ±2.5°C at the temperature
range extremes. The temperature range is affected by the power supply voltage. For the
temperature grade 7 device, a power supply voltage of 2.7V to 5.5V, the temperature range
extremes are +130°C and –55°C. Decreasing the power supply voltage to 2.4V changes the
negative extreme to –30°C, while the positive remains at +130°C.
The STLM20 has a maximum quiescent supply current of 8µA. Therefore, self-heating is
negligible.
Figure 1.
Logic diagram
1.
Pin 2 GND may be grounded or left floating (SC70-5 only). For optimum thermal conductivity to the PC
board ground plane, it should be grounded.
Table 1.
Signal names
VCC
Supply voltage
GND
Ground
VOUT
Output voltage
NC
No connect
AI12252
VCC
STLM20
GND(1)
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com