Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLM20DD Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLM20DD
Description  Ultra-low Current 2.4V precision analog temperature sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM20DD Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLM20DD Datasheet HTML 8Page - STMicroelectronics STLM20DD Datasheet HTML 9Page - STMicroelectronics STLM20DD Datasheet HTML 10Page - STMicroelectronics STLM20DD Datasheet HTML 11Page - STMicroelectronics STLM20DD Datasheet HTML 12Page - STMicroelectronics STLM20DD Datasheet HTML 13Page - STMicroelectronics STLM20DD Datasheet HTML 14Page - STMicroelectronics STLM20DD Datasheet HTML 15Page - STMicroelectronics STLM20DD Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Typical operating characteristics
STLM20
12/17
6
Typical operating characteristics
The graph shown in Figure 6 represents VOUT according to temperature.
Figure 4.
VOUT vs. Temperature
0.00
0.50
1.00
1.50
2.00
2.50
–50
–20
10
40
70
100
130
Temperature (˚C)
Typical (VCC = 2.7V)
ai13484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com