Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG3003NT1 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MMG3003NT1
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3003NT1 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MMG3003NT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MMG3003NT1
6-11
Freescale Semiconductor
RF Product Device Data
50 OHM TYPICAL CHARACTERISTICS
Table 14. Class A Common Emitter S-Parameters at VCC = 6.2 Vdc, ICC = 180 mA, TC = 255C
f
S11
S21
S12
S22
f
GHz
|S11|
∠φ
|S21|
∠φ
|S12|
∠φ
|S22|
∠φ
0.1
0.141
178.297
12.985
173.850 0
0.057
0.785 0
0.087
-167.704
0.15
0.153
175.556
12.654
168.9
0.057
-0.913
0.136
-137.479
0.2
0.155
160.177
13.067
164.046
0.059
-2.423
0.125
-131.397
0.25
0.152
159.068
12.851
160.334
0.058
-2.897
0.159
-130.233
0.3
0.147
156.309
12.685
156.518
0.058
-3.227
0.187
-128.649
0.35
0.139
153.853
12.519
152.664
0.058
-3.971
0.212
-128.651
0.4
0.135
150.838
12.327
149.087
0.057
-4.471
0.239
-129.263
0.45
0.129
148.378
12.124
145.521
0.057
-4.799
0.263
-130.237
0.5
0.123
145.160
11.915
142.009
0.057
-5.285
0.285
-131.637
0.55
0.117
142.332
11.694
138.634
0.057
-5.623
0.306
-133.294
0.6
0.112
139.364
11.470
135.366
0.057
-6.012
0.326
-135.284
0.65
0.106
136.769
11.238
132.093
0.057
-6.295
0.345
-137.146
0.7
0.101
133.592
11.004
128.948
0.057
-6.705
0.362
-139.07
0.75
0.096
131.187
10.770
125.882
0.057
-7.044
0.378
-141.171
0.8
0.090
128.979
10.532
122.88
0.056
-7.277
0.394
-143.273
0.85
0.086
126.711
10.298
119.942
0.056
-7.495
0.408
-145.372
0.9
0.081
124.541
10.066
117.117
0.056
-7.847
0.422
-147.618
0.95
0.076
122.189
9.841
114.276
0.056
-8.05
0.435
-149.849
1
0.073
121.191
9.611
111.625
0.056
-8.311
0.447
-151.947
1.05
0.069
119.451
9.393
108.992
0.056
-8.582
0.458
-154.142
1.1
0.065
118.827
9.170
106.412
0.056
-8.89
0.470
-156.289
1.15
0.062
118.851
8.957
103.879
0.056
-9.079
0.480
-158.481
1.2
0.059
118.882
8.742
101.417
0.056
-9.405
0.490
-160.544
1.25
0.056
119.703
8.541
99.039
0.056
-9.615
0.498
-162.608
1.3
0.054
120.919
8.340
96.664
0.056
-9.805
0.507
-164.561
1.35
0.051
123.223
8.143
94.364
0.056
-10.198
0.515
-166.501
1.4
0.048
125.019
7.957
92.107
0.056
-10.536
0.522
-168.351
1.45
0.046
128.063
7.774
89.892
0.056
-10.724
0.530
-170.229
1.5
0.033
135.869
7.640
87.599
0.057
-11.197
0.529
-172.918
1.55
0.030
139.127
7.475
85.482
0.057
-11.434
0.536
-174.487
1.6
0.027
142.585
7.322
83.442
0.057
-11.649
0.541
-175.93
1.65
0.024
146.640
7.170
81.444
0.057
-11.993
0.546
-177.394
1.7
0.023
152.580
7.040
79.397
0.058
-12.335
0.552
-179.018
1.75
0.021
158.266
6.890
77.439
0.058
-12.616
0.555
179.899
1.8
0.021
166.196
6.756
75.477
0.058
-12.879
0.560
178.582
1.85
0.022
171.633
6.621
73.576
0.058
-13.16
0.563
177.318
1.9
0.023
177.431
6.495
71.695
0.058
-13.445
0.566
176.139
1.95
0.025
-176.142
6.371
69.952
0.059
-13.806
0.570
175.08
2
0.027
-173.137
6.251
67.988
0.059
-14.176
0.573
173.812
2.05
0.029
-170.367
6.135
66.175
0.059
-14.413
0.577
172.704
2.1
0.031
-168.467
6.025
64.385
0.060
-14.882
0.580
171.566
2.15
0.033
-168.388
5.921
62.595
0.060
-15.338
0.583
170.426
2.2
0.036
-169.515
5.815
60.823
0.060
-15.659
0.586
169.283
2.25
0.039
-170.197
5.716
59.079
0.061
-16.136
0.589
168.164
2.3
0.042
-171.944
5.618
57.331
0.061
-16.513
0.591
167.003
2.35
0.045
-173.747
5.525
55.573
0.061
-16.98
0.593
165.803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com