Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG3003NT1 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MMG3003NT1
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3003NT1 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MMG3003NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 16Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
6-12
Freescale Semiconductor
RF Product Device Data
MMG3003NT1
Table 14. Class A Common Emitter S-Parameters at VCC = 6.2 Vdc, ICC = 180 mA, TC = 255C (continued)
f
S11
S21
S12
S22
f
GHz
|S11|
∠φ
|S21|
∠φ
|S12|
∠φ
|S22|
∠φ
2.4
0.048
-175.268
5.431
53.848
0.062
-17.435
0.595
164.669
2.45
0.052
-177.409
5.345
52.136
0.062
-17.955
0.597
163.447
2.5
0.056
-178.703
5.258
50.405
0.062
-18.404
0.598
162.182
2.55
0.060
179.650
5.173
48.736
0.063
-19.004
0.600
160.854
2.6
0.063
177.705
5.096
47.012
0.063
-19.505
0.602
159.516
2.65
0.067
175.894
5.015
45.266
0.063
-20.1
0.603
158.1
2.7
0.071
174.932
4.938
43.452
0.064
-20.75
0.605
156.649
2.75
0.074
172.453
4.861
41.831
0.064
-21.297
0.607
155.174
2.8
0.079
170.595
4.788
40.113
0.065
-21.999
0.609
153.675
2.85
0.083
168.962
4.715
38.402
0.065
-22.577
0.610
152.104
2.9
0.087
167.373
4.643
36.711
0.065
-23.239
0.612
150.539
2.95
0.091
165.543
4.573
35.036
0.066
-23.942
0.614
148.941
3
0.095
164.513
4.506
33.356
0.066
-24.652
0.616
147.251
3.05
0.099
163.309
4.438
31.684
0.066
-25.269
0.618
145.747
3.1
0.103
162.077
4.373
29.98
0.067
-26.085
0.620
144.105
3.15
0.107
161.249
4.308
28.307
0.067
-26.717
0.622
142.483
3.2
0.110
160.222
4.244
26.653
0.067
-27.483
0.624
140.894
3.25
0.114
159.057
4.182
25.007
0.068
-28.223
0.626
139.31
3.3
0.117
158.018
4.121
23.381
0.068
-29.013
0.629
137.737
3.35
0.119
156.94
4.061
21.791
0.068
-29.779
0.631
136.267
3.4
0.122
155.757
4.004
20.196
0.069
-30.535
0.633
134.76
3.45
0.126
154.754
3.949
18.618
0.069
-31.29
0.635
6
3.5
0.12826
153.898
3.895
17.049
0.06938
-31.957
0.6367
131.951
3.55
0.13168
152.875
3.84045
15.491
0.06971
-32.814
0.6392
130.655
3.6
0.13497
152.157
3.78882
13.97
0.07016
-33.474
0.64031
129.412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com