Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG3003NT1 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MMG3003NT1
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3003NT1 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MMG3003NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 16Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
MMG3003NT1
6-15
Freescale Semiconductor
RF Product Device Data
PACKAGE DIMENSIONS
2X 4 TYP
E.P.
2X R0.20
SEATING PLANE
4X
C
0.10 C
1.50
1.50
0.46
0.40
1.70
1.40
2X 4 TYP
1.35
1.25
0.65
0.55
1.65
1.55
CASE 1514-01
ISSUE C
°
°
3
0.15 M
A
CB
3
4
A
4.70
4.40
0.60
0.40
B
2.70
2.40
1.30
0.70
4
5
0.48
0.38
0.58
0.48
12
3
0.48
0.38
4.50
3.70
2X
2X R0.15 TYP
1.87
1.79
0.15 M
A
CB
0.15 M
A
CB
0.20 M CB
BOTTOM VIEW
STYLE 1:
PIN 1. RF INPUT
2. GROUND
3. RF OUTPUT
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. ALL DIMENSIONS ARE IN MILLIMETERS.
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS
OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE
BURRS SHALL NOT EXCEED 0.5MM PER END. DIMENSION DOES
NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD
FLASH OR PROTRUSION SHALL NOT EXCEED 0.5MM PER SIDE.
4. DIMENSIONS ARE DETERMINED AT THE OUTMOST EXTREMES
OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR
BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING
ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE
PLASTIC BODY.
5. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY.
SOT-89
PLASTIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com