Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG10/X Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFG10/X
Description  NPN 2 GHz RF power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG10/X Datasheet(HTML) 4 Page - NXP Semiconductors

  BFG10/X Datasheet HTML 1Page - NXP Semiconductors BFG10/X Datasheet HTML 2Page - NXP Semiconductors BFG10/X Datasheet HTML 3Page - NXP Semiconductors BFG10/X Datasheet HTML 4Page - NXP Semiconductors BFG10/X Datasheet HTML 5Page - NXP Semiconductors BFG10/X Datasheet HTML 6Page - NXP Semiconductors BFG10/X Datasheet HTML 7Page - NXP Semiconductors BFG10/X Datasheet HTML 8Page - NXP Semiconductors BFG10/X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1995 Aug 31
4
Philips Semiconductors
Product specification
NPN 2 GHz RF power transistor
BFG10; BFG10/X
APPLICATION INFORMATION
RF performance at Tamb =25 °C in a common-emitter test circuit (see Fig.7).
Ruggedness in class-AB operation
The BFG10 is capable of withstanding a load mismatch corresponding to VSWR = 8 : 1 through all phases, at rated
output power under pulsed conditions up to a supply voltage of 7 V, f = 1.9 GHz and a duty cycle of 1 : 8.
MODE OF OPERATION
f
(GHz)
VCE
(V)
ICQ
(mA)
PL
(mW)
Gp
(dB)
ηc
(%)
Pulsed, class-AB, duty cycle: < 1 : 8
1.9
3.6
1
200
>5
>50
typ. 7
typ. 60
Pulsed, class-AB operation.
VCE = 3.6 V; VBE = 0.65 V; f = 1.9 GHz; duty cycle < 1 : 8.
Circuit optimized for PL = 200 mW.
Fig.4
Power gain and efficiency as functions
of load power; typical values.
handbook, halfpage
0
500
10
0
2
MLC820
4
6
8
100
0
20
40
60
80
100
200
300
400
G p
G p
(dB)
P (mW)
L
c
(%)
η
c
η
Fig.5
Load power as a function of drive
power; typical values.
Pulsed, class-AB operation.
VCE = 3.6 V; VBE = 0.65 V; f = 1.9 GHz; duty cycle < 1 : 8.
Circuit optimized for PL = 200 mW.
handbook, halfpage
0
50
100
150
500
0
400
MLC821
300
200
100
P L
(mW)
P (mW)
D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com