Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG10/X Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BFG10/X
Description  NPN 2 GHz RF power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG10/X Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BFG10/X Datasheet HTML 2Page - NXP Semiconductors BFG10/X Datasheet HTML 3Page - NXP Semiconductors BFG10/X Datasheet HTML 4Page - NXP Semiconductors BFG10/X Datasheet HTML 5Page - NXP Semiconductors BFG10/X Datasheet HTML 6Page - NXP Semiconductors BFG10/X Datasheet HTML 7Page - NXP Semiconductors BFG10/X Datasheet HTML 8Page - NXP Semiconductors BFG10/X Datasheet HTML 9Page - NXP Semiconductors BFG10/X Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
1995 Aug 31
7
Philips Semiconductors
Product specification
NPN 2 GHz RF power transistor
BFG10; BFG10/X
List of components used in test circuit (see Fig.7)
Notes
1. American Technical Ceramics (ATC) capacitor, type 100A or other capacitor of the same quality.
2. The striplines are on a 1
⁄32 inch double copper-clad printed-circuit board with PTFE fibre-glass dielectric (εr = 6).
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE No.
C1, C9, C10, C11
multilayer ceramic chip capacitor; note 1
24 pF
C2, C3, C4, C5,
C6, C7
multilayer ceramic chip capacitor; note 1
0.86 pF
C8
multilayer ceramic chip capacitor; note 1
1.1 pF
C12, C13
electrolytic capacitor
470
µF; 10 V
2222 031 34471
C14, C15, C16
multilayer ceramic chip capacitor; note 1
10 nF
L1
stripline; note 2
length 28.5 mm
width 0.93 mm
L2
stripline; note 2
length 2.3 mm
width 0.93 mm
L3
stripline; note 2
length 3.1 mm
width 0.93 mm
L4
stripline; note 2
length 3.3 mm
width 0.93 mm
L5
stripline; note 2
length 16.3 mm
width 0.93 mm
L6
stripline; note 2
length 10 mm
width 0.93 mm
L7
stripline; note 2
length 4.4 mm
width 0.4 mm
L8
stripline; note 2
length 19.3 mm
width 0.93 mm
L9
stripline; note 2
length 19.7 mm
width 0.4 mm
L10
micro choke
T1
BD228
R1
metal film resistor
20
Ω; 0.4 W
2322 157 10209
R2
metal film resistor
530
Ω; 0.4 W
2322 157 15301



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com