Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG10/X Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFG10/X
Description  NPN 2 GHz RF power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG10/X Datasheet(HTML) 3 Page - NXP Semiconductors

  BFG10/X Datasheet HTML 1Page - NXP Semiconductors BFG10/X Datasheet HTML 2Page - NXP Semiconductors BFG10/X Datasheet HTML 3Page - NXP Semiconductors BFG10/X Datasheet HTML 4Page - NXP Semiconductors BFG10/X Datasheet HTML 5Page - NXP Semiconductors BFG10/X Datasheet HTML 6Page - NXP Semiconductors BFG10/X Datasheet HTML 7Page - NXP Semiconductors BFG10/X Datasheet HTML 8Page - NXP Semiconductors BFG10/X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1995 Aug 31
3
Philips Semiconductors
Product specification
NPN 2 GHz RF power transistor
BFG10; BFG10/X
THERMAL CHARACTERISTICS
Note
1. Ts is the temperature at the soldering point of the collector pin.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to
soldering point
up to Ts =60 °C; note 1;
Ptot = 400 mW
290
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
open emitter; IC = 0.1 mA
20
−
V
V(BR)CEO
collector-emitter breakdown voltage
open base; IC = 5 mA
8
−
V
V(BR)EBO
emitter-base breakdown voltage
open collector; IE = 0.1 mA
2.5
−
V
ICES
collector leakage current
VCE =5V; VBE =0
−
100
µA
hFE
DC current gain
IC = 50 mA; VCE =5V
25
−
Cc
collector capacitance
IE =ie = 0; VCB = 3.6 V; f = 1 MHz
−
3pF
Cre
feedback capacitance
IC = 0; VCE = 3.6 V; f = 1 MHz
−
2pF
Fig.2
Power derating curve
handbook, halfpage
0
50
100
200
200
0
MLC818
150
T ( C)
o
s
Ptot
(mW)
300
500
400
100
IC = 0; f = 1 MHz.
Fig.3
Collector capacitance as a function of
collector-base voltage; typical values.
handbook, halfpage
MLC819
010
48
2.0
0
1.5
6
1.0
0.5
C c
(pF)
VCB (V)
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com