Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70P246A55BYAI Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 70P246A55BYAI
Description  VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70P246A55BYAI Datasheet(HTML) 4 Page - Renesas Technology Corp

  70P246A55BYAI Datasheet HTML 1Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 2Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 3Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 4Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 5Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 6Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 7Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 8Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
6.42
4
IDT70P256/246L
Preliminary
Low Power 1.8V 8K/4K x 16 Dual-Port Static RAM
Industrial Temperature Range
Truth Table II: Semaphore Read/Write Control(1)
NOTE:
1. There are eight semaphore flags written to via I/O0 and read from all of the I/O's (I/O0-I/O15). These eight semaphores are addressed by A0-A2.
Inputs
Outputs
Mode
CE
R/
W
OE
UB
LB
SEM
I/O8-15
I/O0-7
HH
L
X
X
L
DATAOUT
DATAOUT
Read Data in Semaphore Flag
XH
L
H
H
L
DATAOUT
DATAOUT
Read Data in Semaphore Flag
H
↑
XX
X
L
DATAIN
DATAIN
Write DIN0 into Semaphore Flag
X
↑
XH
H
L
DATAIN
DATAIN
Write DIN0 into Semaphore Flag
L
X
XL
XL
____
____
Not Allowed
LX
X
X
L
L
____
____
Not Allowed
5699 tbl 03
Absolute Maximum Ratings(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
2. VTERM must not exceed VDD + 0.3V for more than 25% of the cycle time or 10ns maximum, and
is limited to < 20mA for the period over VTERM = VDD + 0.3V.
3. Ambient Temperature under DC Bias. No AC Conditions. Chip Deselected.
Symbol
Rating
Commercial
& Industrial
Unit
VTERM
Supply Voltage on VDD
with Respect to GND
-0.5 to +2.9
V
VTERM
Supply Voltage on VDDQL
with Respect to GND
-0.5 to +3.6
V
VTERM(2)
Terminal Voltage with
Respect to GND
-0.5 to VDD +0.3
V
TBIAS(3)
Temperature Under Bias
-55 to +125
oC
TSTG
Storage Temperature
-65 to +150
oC
TJN
Junction Temperature
+150
oC
IOUT (for
VDDQx = 3.0V)
DC Output Current
20
mA
5699 tbl 04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com