Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70P246A55BYAI Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 70P246A55BYAI
Description  VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70P246A55BYAI Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 70P246A55BYAI Datasheet HTML 16Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 17Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 18Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 19Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 20Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 21Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 22Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 23Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
6.42
IDT70P256/246L
Low Power 1.8V 8K/4K x 16 Dual-Port Static RAM
Industrial Temperature Range
21
IDT70P256/246L
Preliminary
Low Power 1.8V 8K/4K x 16 Dual-Port Static RAM
Industrial Temperature Range
identical in function to standard CMOS Static RAM and can be accessed
to, at the same time with the only possible conflict arising from the
simultaneous writing of, or a simultaneous READ/WRITE of, a non-
semaphorelocation.Semaphoresareprotectedagainstsuchambiguous
situations and may be used by the system program to avoid any conflicts
in the non-semaphore portion of the Dual-Port SRAM. These devices
have an automatic power-down feature controlled by
CE, the Dual-Port
SRAM enable, and
SEM,thesemaphoreenable.TheCE and SEMpins
control on-chip power down circuitry that permits the respective port to go
intostandbymodewhennotselected.Thisistheconditionwhichisshown
in Truth Table I where
CE and SEM are LOW.
Systems which can best use the IDT70P256/246 contain multiple
processors or controllers and are typically very high-speed systems
which are software controlled or software intensive. These systems can
benefit from a performance increase offered by the IDT70P256/246's
hardware semaphores, which provide a lockout mechanism without
requiring complex programming.
Software handshaking between processors offers the maximum in
system flexibility by permitting shared resources to be allocated in
varying configurations. The IDT70P256/246 does not use its semaphore
flags to control any resources through hardware, thus allowing the
system designer total flexibility in system architecture.
An advantage of using semaphores rather than the more common
methods of hardware arbitration is that wait states are never incurred
in either processor. This can prove to be a major advantage in very
high-speed systems.
How the Semaphore Flags Work
The semaphore logic is a set of eight latches which are independent
oftheDual-PortSRAM.Theselatchescanbeusedtopassaflag,ortoken,
from one port to the other to indicate that a shared resource is in use. The
semaphores provide a hardware assist for a use assignment method
called“TokenPassingAllocation.”Inthismethod,thestateofasemaphore
latch is used as a token indicating that shared resource is in use. If the left
processor wants to use this resource, it requests the token by setting the
latch.Thisprocessorthenverifiesitssuccessinsettingthelatchbyreading
it. If it was successful, it proceeds to assume control over the shared
resource. If it was not successful in setting the latch, it determines that the
right side processor has set the latch first, has the token and is using the
shared resource. The left processor can then either repeatedly request
thatsemaphore’sstatusorremoveitsrequestforthatsemaphoretoperform
anothertaskandoccasionallyattemptagaintogaincontrolofthetokenvia
thesetandtestsequence.Oncetherightsidehasrelinquishedthetoken,
the left side should succeed in gaining control.
Thesemaphoreflagsareactive HIGH.Atokenisrequestedbywriting
a zero into a semaphore latch and is released when the same side writes
a one to that latch.
The eight semaphore flags reside within the IDT70P256/246 in a
separate memory space from the Dual-Port SRAM. This address
space is accessed by placing a LOW input on the
SEMpin(whichactsas
a chip select for the semaphore flags) and using the other control pins
(Address,
OE, and R/W) as they would be used in accessing a standard
StaticRAM.Eachoftheflagshasauniqueaddresswhichcanbeaccessed
by either side through address pins A0 – A2. When accessing the
semaphores, none of the other address pins has any effect.
When writing to a semaphore, only data pin D0 is used. If aLOW level
is written into an unused semaphore location, that flag will be set to a zero
on that side and a one on the other side (see Truth Table V). That
semaphorecannowonlybemodifiedbythesideshowingthezero.When
a one is written into the same location from the same side, the flag will be
settoaoneforbothsides(unlessasemaphorerequestfromtheotherside
is pending) and then can be written to by both sides. The fact that the side
whichisabletowriteazerointoasemaphoresubsequentlylocksoutwrites
fromtheothersideiswhatmakessemaphoreflagsusefulininterprocessor
communications.(Athoroughdiscussionontheuseofthisfeaturefollows
shortly.) A zero written into the same location from the other side will be
stored in the semaphore request latch for that side until the semaphore is
freed by the first side.
When a semaphore flag is read, its value is spread into all data bits so
that a flag that is a one reads as a one in all data bits and a flag containing
a zero reads as all zeros. The read value is latched into one side’s output
registerwhenthatside'ssemaphoreselect(
SEM)andoutputenable(OE)
signals go active. This serves to disallow the semaphore from changing
state in the middle of a read cycle due to a write cycle from the other side.
Because of this latch, a repeated read of a semaphore in a test loop must
cause either signal (
SEM or OE) to go inactive or the output will never
change.
A sequence WRITE/READ must be used by the semaphore in
order to guarantee that no system level contention will occur. A
processor requests access to shared resources by attempting to write
a zero into a semaphore location. If the semaphore is already in use,
the semaphore request latch will contain a zero, yet the semaphore
flag will appear as one, a fact which the processor will verify by the
subsequent read (see Truth Table V). As an example, assume a
processor writes a zero to the left port at a free semaphore location. On
a subsequent read, the processor will verify that it has written success-
fullytothatlocationandwillassumecontrolovertheresourceinquestion.
Meanwhile, if a processor on the right side attempts to write a zero to the
same semaphore flag it will fail, as will be verified by the fact that a one will
be read from that semaphore on the right side during subsequent read.
Had a sequence of READ/WRITE been used instead, system contention
problemscouldhaveoccurredduringthegapbetweenthereadandwrite
cycles.
Itisimportanttonotethatafailedsemaphorerequestmustbefollowed
by either repeated reads or by writing a one into the same location. The
reason for this is easily understood by looking at the simple logic diagram
of the semaphore flag in Figure 4. Two semaphore request latches feed
into a semaphore flag. Whichever latch is first to present a zero to the
semaphoreflagwillforceitssideofthesemaphoreflag LOWandtheother
side HIGH. This condition will continue until a one is written to the same
semaphorerequestlatch.Shouldtheotherside’ssemaphorerequestlatch
have been written to a zero in the meantime, the semaphore flag will flip
overtotheothersideassoonasaoneiswrittenintothefirstside’srequest
latch.Thesecondside’sflagwillnowstay LOWuntilitssemaphorerequest
latchiswrittentoaone.Fromthisitiseasytounderstandthat,ifasemaphore
is requested and the processor which requested it no longer needs the
resource, the entire system can hang up until a one is written into that
semaphore request latch.
The critical case of semaphore timing is when both sides request a
single token by attempting to write a zero into it at the same time. The
semaphore logic is specially designed to resolve this problem. If simulta-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com