Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70P246A55BYAI Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 70P246A55BYAI
Description  VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70P246A55BYAI Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 70P246A55BYAI Datasheet HTML 9Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 10Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 11Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 12Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 13Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 14Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 15Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 16Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
6.42
IDT70P256/246L
Low Power 1.8V 8K/4K x 16 Dual-Port Static RAM
Industrial Temperature Range
13
IDT70P256/246L
Preliminary
Low Power 1.8V 8K/4K x 16 Dual-Port Static RAM
Industrial Temperature Range
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range
NOTES:
1. Port-to-port delay through SRAM cells from writing port to reading port, refer to "Timing Waveform of Read With
BUSY.
2. To ensure that the earlier of the two ports wins.
3. tBDD is a calculated parameter and is the greater of 0ns, tWDD – tWP (actual) or tDDD – tDW (actual).
4. To ensure that a write cycle is completed after contention.
70P256/246
Ind'l Only
Symbol
Parameter
Min.
Max.
Unit
BUSY TIMING
tBAA
BUSY Access Time from Address Match
____
45
ns
tBDA
BUSY Disable Time from Address Not Matched
____
45
ns
tBAC
BUSY Access Time from Chip Enable LOW
____
45
ns
tBDC
BUSY Disable Time from Chip Enable HIGH
____
45
ns
tAPS
Arbitration Priority Set-up Time
(2)
5
____
ns
tBDD
BUSY Disable to Valid Data(3)
____
40
ns
tWH
Write Hold After
BUSY(4)
35
____
ns
PORT-TO-PORT DELAY TIMING
tWDD
Write Pulse to Data Delay(1)
____
80
ns
tDDD
Write Data Valid to Read Data Delay
(1)
____
65
ns
5699 tbl 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com