Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT75C Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT75C
Description  Smart Internet Appliance Processor (SIAP)
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT75C Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT75C Datasheet HTML 9Page - ATMEL Corporation AT75C Datasheet HTML 10Page - ATMEL Corporation AT75C Datasheet HTML 11Page - ATMEL Corporation AT75C Datasheet HTML 12Page - ATMEL Corporation AT75C Datasheet HTML 13Page - ATMEL Corporation AT75C Datasheet HTML 14Page - ATMEL Corporation AT75C Datasheet HTML 15Page - ATMEL Corporation AT75C Datasheet HTML 16Page - ATMEL Corporation AT75C Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 171 page
background image
13
AT75C DSP Subsystem
1368C–INTAP–08/02
when the value is transferred to the XDB. The saturation in move instructions can be
disabled by the SAT bit in the register ST0. When limiting occurs, the L flag in ST0 is
set. Refer to “Status Registers” on page 23 for more details.
The LIM instruction activates saturation on a 36-bit Ax-accumulator. When there is an
overflow from the high portion of an Ax-accumulator to the extension bits and a LIM
instruction is executed, the accumulator is limited to a full-scale, 32-bit positive (0 X
7FFFFFFF) or negative (0 X 8000000) value. Limiting will be correctly performed when
the value is operated on by the LIM instruction. The LIM instruction can use the same
accumulator for both source and destination or it can use one source Ax-accumulator,
which will not change, and transfer the limited result into the other Ax-accumulator. For
more details, refer to the LIM instruction in “Instruction Set” on page 31. When limiting
occurs, the L flag in ST0 is set. The SAT bit in ST0 has no effect on this instruction.
Refer to “Status Registers” on page 23 for more details.
Swapping the
Accumulators
The Ax-accumulators can be swapped with the Bx-accumulators in a single cycle. It is
possible to swap two 36-bit registers or all four 36-bits registers. Swapping is also
enabled between a specific Ax-accumulator into one of the Bx-accumulators, and in the
same cycle, from that Bx-accumulator into the other Ax-accumulator. Similarly, swap-
ping is enabled between a specific Bx-accumulator into one of the Ax-accumulators, and
in the same cycle, from that Ax-accumulator into the other Bx-accumulator. For a sum-
mary of the 14 swap options and other details, refer to the SWAP instruction in
“Instruction Set” on page 31.
Note that during interrupt context switching, the A1 and B1 accumulators are automati-
cally swapped. For more details, refer to “Interrupt Context Switching” on page 27.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com