Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT75C Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT75C
Description  Smart Internet Appliance Processor (SIAP)
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT75C Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT75C Datasheet HTML 17Page - ATMEL Corporation AT75C Datasheet HTML 18Page - ATMEL Corporation AT75C Datasheet HTML 19Page - ATMEL Corporation AT75C Datasheet HTML 20Page - ATMEL Corporation AT75C Datasheet HTML 21Page - ATMEL Corporation AT75C Datasheet HTML 22Page - ATMEL Corporation AT75C Datasheet HTML 23Page - ATMEL Corporation AT75C Datasheet HTML 24Page - ATMEL Corporation AT75C Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 171 page
background image
21
AT75C DSP Subsystem
1368C–INTAP–08/02
Figure 8. Data Memory Diagram
Memory Addressing
Modes
There are five data memory addressing modes.
Short Direct Addressing Mode Eight bits embedded in the instruction opcode as LSBs plus eight bits from status regis-
ter ST1 as MSB (see “Status Registers” on page 23) compose the 16-bit address to the
data memory. The pages are thus of 256 words each. For example, page 0 corresponds
to addresses 0 to 255 in X-RAM, page 1 from 250 to 511 in X-RAM and page 255 from -
256 to -1 in Y-RAM. Any memory location in the 64K-word data space can be directly
accessed in a single cycle.
Long Direct Addressing Mode
Sixteen bits embedded in the instruction opcode as the second word of the instruction
are used as the 16-bit address of the data memory. Any memory location in the 64K-
word data space can be directly accessed in two cycles.
Indirect Addressing Mode
The Rn registers of the DAAU are used as 16-bit addresses for indirect addressing the
X-RAM and the Y-RAM. Some instructions use two registers, simultaneously address-
ing a memory location in X-RAM and another in Y-RAM, both addressed in indirect
addressing mode.
Short Index Addressing Mode
The base register RB plus an index value (offset7, a 7-bit immediate value embedded in
the instruction opcode) are used for index-based indirect addressing the X-RAM or Y-
RAM. The index value can be from -64 to +63. The actual address is RB + offset7, but
leaving the contents of RB unaffected. For details, refer to “Index Modifier” on page 16.
On-core
Y-RAM
OCEM
CODEC
DPMB
Off-core on-chip
X-RAM
(Data RAM)
On-core
X-RAM
0x0000
0x0800
0x4000
0xE000
0xEC00
0xF000
0xF800
0xFFFF
0x8000
2K
2K
1K
2K
16K
2K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com