Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT75C Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT75C
Description  Smart Internet Appliance Processor (SIAP)
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT75C Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT75C Datasheet HTML 35Page - ATMEL Corporation AT75C Datasheet HTML 36Page - ATMEL Corporation AT75C Datasheet HTML 37Page - ATMEL Corporation AT75C Datasheet HTML 38Page - ATMEL Corporation AT75C Datasheet HTML 39Page - ATMEL Corporation AT75C Datasheet HTML 40Page - ATMEL Corporation AT75C Datasheet HTML 41Page - ATMEL Corporation AT75C Datasheet HTML 42Page - ATMEL Corporation AT75C Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 171 page
background image
39
AT75C DSP Subsystem
1368C–INTAP–08/02
ADDV – Add Long Immediate Value or Data Memory Loca-
tion
Syntax:
addv ##long immediate, operand
Operation:
operand + ##long immediate
−> operand
The operand and the long immediate values are sign-extended. If the
operand is not part of an accumulator (aXl, aXh, aXe, bXl, bXh), then
the accumulators are unaffected. If the operand is a part of an accumu-
lator, only the addressed part is affected.
Operand:
REG
(rN)
direct address
Affected Flags:
Z, M, C are a result of the 16-bit operation. M is affected by bit 15.
When the operand is st0, st0 (including the flags) accepts the addition
result regardless of a0e bits.
Cycles:
2
Words:
2
Notes:
The REG cannot be aX, bX, p, pc. Note that aX can be used in
add
##long immediate, aX instruction.
When adding a long immediate value to st0, st0 (including the flags)
accepts the ALU output result. When adding a long immediate value to
st1, the flags are affected by the ALU output, as usual.
Note that when the operand is part of an accumulator, only the
addressed part is affected. For example, if the instruction
addv ##long
immediate, a01 generates a carry. The carry flag is set. However, a0h is
unchanged. On the other hand, the instruction
addl ##long immediate,
a0l (with same a0 and immediate values) changes the a0h and affects
the carry flag according to bit 36 of the ALU result.
Z
M
NVCE
L
R
x
x
–
-x
x
–––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com