Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBBD7322 Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # VBBD7322
Description  N-Channel 30 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBBD7322 Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  VBBD7322 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
Safe Operating Area, Junction-to-Ambient
0.0
0.2
0.4
0.6
0.8
1.0
1.2
10
1
100
TJ = 150 °C
TJ = 25 °C
VSD - Source-to-Drain Voltage (V)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
0
0.01
0.02
0.03
0.04
0.05
02
4
6
8
10
TJ =25 °C
TJ = 125 °C
ID =9.1 A
VGS - Gate-to-Source Voltage (V)
0
30
50
10
20
Time (s)
40
1
100
600
10
10-1
10-2
10-3
0.01
100
1
100
0.01
0.1
1ms
10 ms
1s
10 s
0.1
1
10
10
TA = 25 °C
Single Pulse
Limited by RDS(on)*
DC
100 µs
BVDSS Limited
100 ms
VDS - Drain-to-Source Voltage (V)
*VGS > minimum VGS at which RDS(on) is specified
www.VBsemi.com
VBBD7322
4
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com