Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBBD7322 Datasheet(PDF) 7 Page - VBsemi Electronics Co.,Ltd

Part # VBBD7322
Description  N-Channel 30 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBBD7322 Datasheet(HTML) 7 Page - VBsemi Electronics Co.,Ltd

  VBBD7322 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
c
E
E1
e
D
A
65
7
8
34
2
1
4
L
567
8
432
1
4
S
b
2X 0.10/0.13 R
Backside View
x
NOTES:
1.
All dimensions are in millimeaters.
2.
Mold gate burrs shall not exceed 0.13 mm per side.
3.
Leadframe to molded body offset is horizontal and vertical shall not exceed
0.08 mm.
4.
Dimensions exclusive of mold gate burrs.
5.
No mold flash allowed on the top and bottom lead surface.
DETAIL X
MILLIMETERS
INCHES
Dim
Min
Nom
Max
Min
Nom
Max
A
1.00
−
1.10
0.039
−
0.043
b
0.25
0.30
0.35
0.010
0.012
0.014
c
0.1
0.15
0.20
0.004
0.006
0.008
c1
0
−
0.038
0
−
0.0015
D
2.95
3.05
3.10
0.116
0.120
0.122
E
1.825
1.90
1.975
0.072
0.075
0.078
E1
1.55
1.65
1.70
0.061
0.065
0.067
e
0.65 BSC
0.0256 BSC
L
0.28
−
0.42
0.011
−
0.017
S
0.55 BSC
0.022 BSC
5_Nom
5_Nom
ECN: C-03528—Rev. F, 19-Jan-04
DWG: 5547
www.VBsemi.com
VBBD7322
DFN 3Xx2
7
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com