Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBBD7322 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # VBBD7322
Description  N-Channel 30 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBBD7322 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  VBBD7322 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VBBD7322 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
N-Channel 30 V (D-S) MOSFET
FEATURES
• TrenchFET® power MOSFET
APPLICATIONS
•Load switches
- Notebook PC
Notes
a. Package limited, TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s
d. Maximum under steady state conditions is 95 °C/W.
e. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the singulation process in
manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder
interconnection.
f. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
PRODUCT SUMMARY
VDS (V)
RDS(on) (
Ω)ID (A)
Qg (TYP.)
30
0.01
6 at VGS = 10 V
9
9 nC
0.0
19 at VGS = 4.5 V
8
Top View
1
3.0
mm
1
1
1
30
mm
Bottom View
2
D
3
D
4
G
1
D
D
7
D
6
S
5
D
8
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
9
A
TC = 70 °C
6 a
TA = 25 °C
6 a, b, c
TA = 70 °C
6 a, b, c
Pulsed Drain Current
IDM
30
Continuous Source-Drain Diode Current
TC = 25 °C
IS
5.2
TA = 25 °C
2.1 b, c
Maximum Power Dissipation
TC = 25 °C
PD
6.3
W
TC = 70 °C
4
TA = 25 °C
2.5 b, c
TA = 70 °C
1.6 b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +150
°C
Soldering Recommendations (Peak Temperature) e, f
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYPICAL
MAXIMUM
UNIT
Maximum Junction-to-Ambient a, c, d
t
≤ 5 s
RthJA
40
50
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
15
20
www.VBsemi.com
VBBD7322
1
DFN 3x2
服务热线:400-655-8788


Similar Part No. - VBBD7322

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBBD7R5 CUI-VBBD7R5 Datasheet
159Kb / 3P
DC/DC converter
VBBD7R5-D12-D12 CUI-VBBD7R5-D12-D12 Datasheet
159Kb / 3P
DC/DC converter
VBBD7R5-D12-D15 CUI-VBBD7R5-D12-D15 Datasheet
159Kb / 3P
DC/DC converter
VBBD7R5-D12-D5 CUI-VBBD7R5-D12-D5 Datasheet
159Kb / 3P
DC/DC converter
VBBD7R5-D12-S12 CUI-VBBD7R5-D12-S12 Datasheet
159Kb / 3P
DC/DC converter
More results

Similar Description - VBBD7322

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com