Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC08 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STBC08
Description  800mA Standalone linear Li-Ion Battery charger with thermal regulation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC08 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STBC08 Datasheet HTML 3Page - STMicroelectronics STBC08 Datasheet HTML 4Page - STMicroelectronics STBC08 Datasheet HTML 5Page - STMicroelectronics STBC08 Datasheet HTML 6Page - STMicroelectronics STBC08 Datasheet HTML 7Page - STMicroelectronics STBC08 Datasheet HTML 8Page - STMicroelectronics STBC08 Datasheet HTML 9Page - STMicroelectronics STBC08 Datasheet HTML 10Page - STMicroelectronics STBC08 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STBC08
Electrical characteristics
7/17
Note:
1
Supply current includes PROG pin current but not any current delivered to the battery
through the VBAT pin.
2
The STBC08 was tested using a battery simulator and an output capacitor value of 4.7µF
3ITERM is expressed as a fraction of measured full charge current with indicated PROG
resistor
4
Guaranteed by design
∆V
RECHRG
Recharger battery threshold
voltage
Battery Voltage TJ=25°C
RPROG =10KΩ
200
mV
TLIM
Junction temperature in
constant temperature mode
120
°C
RON
Power Fet “ON” resistance
(Between VCC and BAT)
600
m
Ω
tSS
Soft-start time
IBAT=0 to IBAT=1000V/RPROG
100
µs
TRECHARGE
Recharge comparator filter
time
Note 4
VBAT High to Low
0.75
2
4.5
ms
tTERM
Termination comparator
filter time
Note 4
IBAT Falling Below ICHG/10
400
1000
2500
µs
IPROG
PROG pin pull-up current
1
µA
Table 4.
Electrical characteristics
(VCC = 5V, CI = 1µF, TJ = -40 to 85° unless otherwise specified) (Note 2).
Symbol
Parameter
Test
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com