Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC08 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STBC08
Description  800mA Standalone linear Li-Ion Battery charger with thermal regulation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC08 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STBC08 Datasheet HTML 7Page - STMicroelectronics STBC08 Datasheet HTML 8Page - STMicroelectronics STBC08 Datasheet HTML 9Page - STMicroelectronics STBC08 Datasheet HTML 10Page - STMicroelectronics STBC08 Datasheet HTML 11Page - STMicroelectronics STBC08 Datasheet HTML 12Page - STMicroelectronics STBC08 Datasheet HTML 13Page - STMicroelectronics STBC08 Datasheet HTML 14Page - STMicroelectronics STBC08 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
STBC08
Application information
11/17
-00 is Precharge Mode (Trickle charge mode) or Charge Mode. VCC is higher than VUVLO
and RPROG is connected to the PROG pin.
- 01 is STANBY MODE (charge completed) or SHUTDOWN MODE (RPROG not connected).
- 11 supply is not sufficient.
6.5
PROG pin
Charge Current Program, Charge Current Monitor and Shutdown Pin. The charge current is
programmed by connecting a 1% resistor, RPROG, to ground. When the device is charging in
constant current, the value of voltage on this pin is 1.0V. In other conditions, the voltage on
this pin can be used to measure the charge current using the following formula:
IBAT = (VPROG/RPROG)*1000
The PROG pin is used to shut down the device, disconnecting the program resistor from
ground a 1µA current flows to pull the PROG pin high. If the value of this Pin is 1.21V
(shutdown threshold voltage), the device enters Shutdown mode and the input supply
current drops to 25µA. Driving this pin to voltage beyond 2.4V a current of 35µA flows into
the device from PROG pin.
6.6
Programming charge current
The RPROG resistor is used to set the charge current value. The battery charge current is
1000 times the Prog pin current value. The program resistor and the charge current are
calculated using the following formula:
RPROG=1000*VPROG/IBAT;
The charge current out of the BAT pin can be monitored through the PROG pin voltage
using the following equation:
IBAT=(VPROG/RPROG)x1000
6.7
BAT pin
Charge Current Output pin. It provides charge current to the battery and regulates the final
float voltage to 4.2V. An internal precision resistor is used as a feedback loop to compare
the VO with the reference.
6.8
Charge termination
A charge cycle is terminated when the final float voltage is reached consequently the charge
current falls to 1/10th of the programmed value. The charge is over when the PROG pin
voltage falls below 100mV for longer time than tTERM (~1ms). The charge current is latched
off, the device enters in standby mode and the input supply current drops to 200µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com