Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC08 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STBC08
Description  800mA Standalone linear Li-Ion Battery charger with thermal regulation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC08 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STBC08 Datasheet HTML 6Page - STMicroelectronics STBC08 Datasheet HTML 7Page - STMicroelectronics STBC08 Datasheet HTML 8Page - STMicroelectronics STBC08 Datasheet HTML 9Page - STMicroelectronics STBC08 Datasheet HTML 10Page - STMicroelectronics STBC08 Datasheet HTML 11Page - STMicroelectronics STBC08 Datasheet HTML 12Page - STMicroelectronics STBC08 Datasheet HTML 13Page - STMicroelectronics STBC08 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Application information
STBC08
10/17
6
Application information
The STBC08 uses an internal P-Channel MOSFET to work in constant current and constant
voltage method. It is able to provide up to 800mA with a final regulated output voltage of
4.2V
±1% in full temperature range. No blocking diode and sensing resistor are required. It
is also possible to use an USB port as power supply voltage.
6.1
Charge cycle
A charge cycle begins when the voltage at the VCC pin rises above the UVLO threshold
level, the RPROG program resistor of 1% is connected between the PROG pin to GND pin
and when a battery is connected to the charger output. If the battery voltage is below 2.9V,
the charger enters Trickle Charge mode. In this condition, the device supplies 1/10 of the
programmed charge current to bring the battery voltage up to safe level otherwise the life of
a battery is reduced. If the BAT pin voltage is higher than 2.9V the charger enters in
Constant Current Mode. When the BAT pin voltage is close to the final float voltage (4.2V)
the device enters in Constant Voltage Mode and the charge current begins to decrease. The
charge cycle is terminated when the current drops to 1/10 of the programmed value.
6.2
VCC Pin
Input Supply Voltage. This pin is used to supplie the device in the range from 4.25V to 6.5V
voltage. A bypass capacitor of 1µF is recommended for use. When VCC value drops of
30mV of the BAT pin voltage, the device enters in Shutdown Mode, dropping IBAT to less
than 2µA.
6.3
Power ON pin
The POWER ON pin is an open drain flag that indicates VCC presence, VUVLO<VCC<7.2V
and VCC>VBAT. While in high impedance indicates that VCC< VUVLO, VCC>7.2V or
VCC<VBAT. In high impedance status the VCC is insufficient to start the charge cycle.
6.4
CHRG pin
The CHRG pin is an open drain flag, it indicates the status of the charge. When the pin is in
low state, the device is charging the battery. If the pin is in high impedance state the charge
is terminated.
Table 5 describes Flag Status values for the CHRG pin.
Table 5.
CHRG
CHRG
LOW
HIGH
Power-ON
LOW
00
01
HIGH
-
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com