Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2 Datasheet(PDF) 1 Page - RAYEX ELECTRONICS CO., LTD

Part # AM2
Description  AM2 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

AM2 Datasheet(HTML) 1 Page - RAYEX ELECTRONICS CO., LTD

  AM2 Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD AM2 Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Coil Nominal
Voltage
(VDC)
Resistance Tol. 10%
±
(Ohms)
Nominal Current
(mA)
Maximum
Pick Up
Voltage (v)
Minimum
Drop Out
Voltage (V)
12
24
80
150
8.4
1.2
320
75
16.8
2.4
AM2 SERIES
FEATURES
ORDERING INFORMATION
COIL DATA(1.8W, at 25 )
C
12
AM2
1. Type
2. Coil Nominal Voltage
1
2
P
3
3. Cover Type
B : Non-Bracket
P : Plastic Bracket
Resistive (Cos.q = 1)
DC 14V
30A
1PST-NO
CONTACT RATING
•Contact rated load up to 30A/14VDC.
•Multiple choices for cover type.
•Coil enable parallel resistance reduce the operating power.
•Using at air condition control, halogen head lamp control,
horn control, fog lamp control, etc.
RAYEX ELEC.ISSUED RECOY INT’L.


Similar Part No. - AM2

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AM2 ALTECH-AM2 Datasheet
325Kb / 1P
30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
logo
PANDUIT CORP.
AM2 PANDUIT-AM2 Datasheet
142Kb / 8P
Adhesive Mounts
logo
Ashcroft, Inc.
AM2-1 ASHCROFT-AM2-1 Datasheet
2Mb / 9P
ATE-2 Handheld Calibrator
RevG_01-31-23
AM2-2 ASHCROFT-AM2-2 Datasheet
2Mb / 9P
ATE-2 Handheld Calibrator
RevG_01-31-23
logo
PANDUIT CORP.
AM2-C PANDUIT-AM2-C Datasheet
73Kb / 1P
Tie Mounts - Applied with User Supplied Adhesives
More results

Similar Description - AM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6756 STMICROELECTRONICS-L6756 Datasheet
48Kb / 3P
2/3/4 phase buck controller for VR10, VR11.1 and AM2 processor applications
15-Feb-2008
logo
Feature Integration Tec...
F72569 FINTEK-F72569 Datasheet
688Kb / 24P
ACPI Controller IC for AMD K8/AM2 Platform
logo
SUYIN USA, INC.
127091FK940JX0XPY SUYIN-USA-127091FK940JX0XPY Datasheet
247Kb / 1P
Socket AM2 Solder Ball Type
logo
Feature Integration Tec...
F75125 FINTEK-F75125 Datasheet
1Mb / 34P
Serial VID, Parallel VID Translator for AMD AM2 and AM2
logo
Richtek Technology Corp...
RT8868A RICHTEK-RT8868A Datasheet
478Kb / 21P
4/3/2/1-Phase PWM Controller for AMD AM2/AM2/AM3 CPUs
RT8855 RICHTEK-RT8855 Datasheet
334Kb / 18P
4/3/2/1-Phase PWM Controller for AMD AM2/AM2 CPUs
logo
Advantech Co., Ltd.
GMB-RS780 ADVANTECH-GMB-RS780 Datasheet
830Kb / 2P
AMD64 Athlon AM2&AM2 Mini ITX SBC with HDMI, DVI-D, VGA, 4 COM and 8 USB
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
Embedded Motherboard with AMD Athlon??64/ Athlon??64 x2 (AM2 Socket) Processor
logo
Axiomtek Co., Ltd.
MANO110 AXIOMTEK-MANO110 Datasheet
257Kb / 1P
AMD64 Athlon AM2, AM2 Mini ITX SBC with HDMI, DVI-D, VGA, 4 COM and 8 USB
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
Embedded Motherboard with AMD Athlon 64/ Athlon 64 x2 (AM2 Socket) Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com