Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPVZ2202 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPVZ2202
Description  200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPVZ2202 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPVZ2202 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPVZ2202 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPVZ2202 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPVZ2202 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPVZ2202 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPVZ2202 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPVZ2202 Datasheet HTML 7Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MPVZ2202
Sensors
Freescale Semiconductor
5
Figure 4. Cross-Sectional Diagram (Not to Scale)
Figure 4 illustrates an absolute sensing die (right) and the
differential or gauge die in the basic chip carrier (Case 344).
A gel isolates the die surface and wire bonds from the
environment, while allowing the pressure signal to be
transmitted to the silicon diaphragm.
Operating characteristics, internal reliability and
qualification tests are based on use of dry clean air as the
pressure media. Media other than dry clean air may have
adverse effects on sensor performance and long term
reliability. Contact the factory for information regarding media
compatibility in your application.
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Freescale designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing the gel which
isolates the die from the environment. The differential or
gauge sensor is designed to operate with positive differential
pressure applied, P1 > P2. The absolute sensor is designed
for vacuum applied to P1 side.
The Pressure (P1) side may be identified by using the
table below:
Gel Die Coat
Wire Bond
Die
P1
Stainless
Steel Cap
Thermoplastic
Case
Die Bond
Differential Sensing
Element
P2
Lead Frame
Table 3. Pressure (P1)/Vacuum (P2) Side Identification
Table
Part Number
Case Type
Pressure (P1) Side
Identifier
MPVZ2202GC6T1
482A
Top with Port Attached
MPVZ2202GC7U
482C
Top with Port Attached



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com