Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPVZ2202 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPVZ2202
Description  200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPVZ2202 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPVZ2202 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPVZ2202 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPVZ2202 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPVZ2202 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPVZ2202 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPVZ2202 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPVZ2202 Datasheet HTML 7Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MPVZ2202
Rev 0, 09/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006. All rights reserved.
200 kPa On-Chip Temperature
Compensated & Calibrated
Pressure Sensors
The MPVZ2202 device series is a silicon piezoresistive pressure sensor
providing a highly accurate and linear voltage output - directly proportional to the
applied pressure. The sensor is a single monolithic silicon diaphragm with the
strain gauge and a thin-film resistor network integrated on-chip. The chip is laser
trimmed for precise span and offset calibration and temperature compensation.
They are designed for use in applications such as pump/motor controllers,
robotics, level indicators, medical diagnostics, pressure switching and
respiratory equipment.
Features
•
Temperature Compensated Over 0
°C to +85°C
•
Easy-to-Use Chip Carrier Package Options
•
Increased media compatibility fluorocarbon gel
Typical Applications
•
Pump/Motor Controllers
•
Robotics
•
Level Indicators
•
Medical Diagnostics
•
Pressure Switching
•
Respiratory Equipment
ORDERING INFORMATION
Device
Type
Options
Case
No.
MPX Series
Order No.
Packing
Options
Device
Marking
SMALL OUTLINE PACKAGE (MPVZ2202 SERIES)
Ported
Elements
Gauge, Vertical Port,
Surface Mount
482A
MPVZ2202GC6T1
Tape and
Reel
MPVZ2202G
Gauge, Vertical Port,
Through Hole
482C
MPVZ2202GC7U
Tube
MPVZ2202G
MPVZ2202
SERIES
0 TO 200 kPA (0 TO 29 psi)
40 mV FULL SCALE SPAN
(TYPICAL)
MPVZ2202GC6T1
CASE 482A-01
SMALL OUTLINE PACKAGE
SURFACE MOUNT
MPVZ2202GC7U
CASE 482C-03
SMALL OUTLINE PACKAGE
PIN NUMBERS
1
GND(1)
1. Pin 1 is noted by the notch in the lead.
5
N/C
2
+VOUT
6
N/C
3
VS
7
N/C
4
VS
8
N/C


Similar Part No. - MPVZ2202

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPVZ12 FREESCALE-MPVZ12 Datasheet
236Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12 FREESCALE-MPVZ12 Datasheet
324Kb / 13P
10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12G FREESCALE-MPVZ12G Datasheet
236Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12G FREESCALE-MPVZ12G Datasheet
324Kb / 13P
10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12GC6U FREESCALE-MPVZ12GC6U Datasheet
236Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
More results

Similar Description - MPVZ2202

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2050GP MOTOROLA-MPX2050GP Datasheet
130Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2010 MOTOROLA-MPX2010 Datasheet
314Kb / 12P
10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPXM2053 FREESCALE-MPXM2053 Datasheet
129Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Motorola, Inc
MPXM2202 MOTOROLA-MPXM2202 Datasheet
245Kb / 8P
200 KPA ON CHIP TEMPERATURE COMPENSATED & CALIBRATED SILICON PRESSURE SENSORS
MPX2202 MOTOROLA-MPX2202 Datasheet
319Kb / 12P
200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
logo
Freescale Semiconductor...
MPMZ2202 FREESCALE-MPMZ2202 Datasheet
108Kb / 7P
200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053 Datasheet
352Kb / 13P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2010 FREESCALE-MPXM2010 Datasheet
259Kb / 9P
10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2102 FREESCALE-MPXM2102 Datasheet
262Kb / 9P
100 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2202 FREESCALE-MPXM2202 Datasheet
265Kb / 9P
200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com