Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPVZ2202 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPVZ2202
Description  200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPVZ2202 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPVZ2202 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPVZ2202 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPVZ2202 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPVZ2202 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPVZ2202 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPVZ2202 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPVZ2202 Datasheet HTML 7Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MPVZ2202
Sensors
2
Freescale Semiconductor
Figure 1 illustrates a block diagram of the internal circuitry
on the stand-alone pressure sensor chip.
Figure 1. Temperature Compensated Pressure Sensor Schematic
VOLTAGE OUTPUT VERSUS APPLIED DIFFERENTIAL PRESSURE
The differential voltage output of the sensor is directly
proportional to the differential pressure applied.
The output voltage of the differential or gauge sensor
increases with increasing pressure applied to the pressure
(P1) side relative to the vacuum (P2) side. Similarly, output
voltage increases as increasing vacuum is applied to the
vacuum (P2) side relative to the pressure (P1) side.
VS
Sensing
Element
Vout+
Vout-
2
3
4
1
Thin Film
Temperature
Compensation
And
Calibration
Circuitry
GND
Table 1. Maximum Ratings(1)
1. Exposure beyond the specified limits may cause permanent damage or degradation to the device.
Rating
Symbol
Value
Unit
Maximum Pressure (P1 > P2)
Pmax
800
kPa
Storage Temperature
Tstg
-40 to +125
°C
Operating Temperature
TA
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com