Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMR3003 Datasheet(PDF) 3 Page - MultiDimension Technology Co.,Ltd.

Part # AMR3003
Description  Dual Axis AMR Magnetic Angle Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

AMR3003 Datasheet(HTML) 3 Page - MultiDimension Technology Co.,Ltd.

  AMR3003 Datasheet HTML 1Page - MultiDimension Technology Co.,Ltd. AMR3003 Datasheet HTML 2Page - MultiDimension Technology Co.,Ltd. AMR3003 Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd. AMR3003 Datasheet HTML 4Page - MultiDimension Technology Co.,Ltd. AMR3003 Datasheet HTML 5Page - MultiDimension Technology Co.,Ltd. AMR3003 Datasheet HTML 6Page - MultiDimension Technology Co.,Ltd. AMR3003 Datasheet HTML 7Page - MultiDimension Technology Co.,Ltd. AMR3003 Datasheet HTML 8Page - MultiDimension Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
03
1. Operating principle
The AMR3003 angle sensors use dual Wheatstone
bridges comprised of eight high sensitivity AMR
sensing elements to increase the sensor’s output
signal amplitude with enhanced temperature
characteristics and anti-interference performance as
shown in Figure 1. The X axis outputs are defined as
Vx+ and Vx-. The X axis output voltage is found by
Vx = (Vx+) - (Vx-). The Y axis outputs are defined as
Vy+ and Vy-. The Y axis output voltage is found by
Vy = (Vy+) - (Vy-). Vx = Asin(2θ) and Vy = Bcos(2θ)
when the magnetic field is at angle θ, where A and B
are constants. The angle θ can thus be determined
through arctangent function.
Vy+
Vy-
VCC
GND
Figure 1. AMR3003 block diagram
By rotating a small magnet placed on top of
AMR3003, a rotating magnetic field parallel to the
surface of the magnetic is generated and is at the
same angle as the magnet. Figure 2 shows the
typical output signals of the AMR3003 in response
to a rotating field. In Figure 2, the rotating magnetic
field is generated by a Helmholtz coil and the supply
voltage is 1V.
As seen in Figure 2, the period of the AMR3003
is 180° and Vx and Vy have a phase shift of 45°.
Figure 2 also illustrates the definition of peak voltage
VPEAK. The output voltage may not be zero at 0°
due the process tolerance, and this VOFFSET can be
calculated by equations 1 and 2. Figure 3 illustrates
the definition of the magnetic field angle.
Vx
Vy
VPEAK
AMR3003
0
Magnetic field Angle (°)
-20
-15
-10
-5
0
5
10
15
20
45
90 135 180 225 270 315 360
VCC = 1V
Figure 2. Typical AMR3003 output curve
θ
θ
Figure 3. Definition of measured magnetic field angle
(top view)
VMAX - VMIN
VPEAK =
Equation (1)
2
VMAX + VMIN
VOFFSET =
Equation (2)
2
MultiDimension Technology Co., Ltd.
http://www.dowaytech.com/en/
AMR3003
Dual Axis AMR Magnetic Angle Sensor



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com