Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMR3003 Datasheet(PDF) 1 Page - MultiDimension Technology Co.,Ltd.

Part # AMR3003
Description  Dual Axis AMR Magnetic Angle Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

AMR3003 Datasheet(HTML) 1 Page - MultiDimension Technology Co.,Ltd.

  AMR3003 Datasheet HTML 1Page - MultiDimension Technology Co.,Ltd. AMR3003 Datasheet HTML 2Page - MultiDimension Technology Co.,Ltd. AMR3003 Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd. AMR3003 Datasheet HTML 4Page - MultiDimension Technology Co.,Ltd. AMR3003 Datasheet HTML 5Page - MultiDimension Technology Co.,Ltd. AMR3003 Datasheet HTML 6Page - MultiDimension Technology Co.,Ltd. AMR3003 Datasheet HTML 7Page - MultiDimension Technology Co.,Ltd. AMR3003 Datasheet HTML 8Page - MultiDimension Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
01
Dual Axis AMR Magnetic Angle Sensor
AMR3003
Description
The AMR3003 is a magnetic angle sensor based on
anisotropic magnetoresistance (AMR) technology. It
senses the magnetic field parallel to the surface of
the sensor with the range of magnetic field rotation
angle θ from 0° to 180°, and outputs voltage
proportional to the sine or cosine of 2θ.
The AMR3003 adopts two push-pull Wheatstone
bridges design, and each bridge contains four
high-sensitivity AMR sensing elements to provide
output signal as large as 1.6% of the supply voltage.
Additionally, this unique AMR Wheatstone bridge
design effectively compensates the output against
changes in ambient temperature.
It is available in LGA8L (5 mm x 5 mm x 0.9 mm)
and DNF6L (2 mm x 3 mm x 0.75 mm) packages.
Features and Benefits
• Anisotropic magnetoresistance (AMR) technology
• Wide range supply voltages
• Large air gap tolerance
• Very low hysteresis
• Excellent temperature stability
Applications
• Rotary position sensing
• Rotary encoder
• Non-contact potentiometer
• Valve position sensor
• Dial sensor
LGA8L
DFN6L
Selection Guide
Part Number
Angle Range Supply Voltage Bridge Resistance
Operating
Temperature
Package
Packing Form
AMR3003LG
0 to 180°
5 V
350 Ω
-40 °C to 125 °C
LGA8L
Tape & Reel
AMR3003D
0 to 180°
5 V
350 Ω
-40 °C to 125 °C
DFN6L
Tape & Reel
Datasheet
MultiDimension Technology Co., Ltd.
http://www.dowaytech.com/en/
Version 2.0.1


Similar Part No. - AMR3003

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
AMR Angle Sensor
logo
MultiDimension Technolo...
AMR3005 MULTIDIMENSION-AMR3005 Datasheet
796Kb / 5P
AMR3005
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3008D MULTIDIMENSION-AMR3008D Datasheet
665Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3008G MULTIDIMENSION-AMR3008G Datasheet
665Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
More results

Similar Description - AMR3003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMC1041Z ETC-HMC1041Z Datasheet
248Kb / 6P
1-Axis Magnetic Sensor
HMC1052L ETC-HMC1052L Datasheet
151Kb / 1P
2-AXIS MAGNETIC SENSOR
logo
Honeywell Solid State E...
HMC1023 HONEYWELL-HMC1023 Datasheet
465Kb / 7P
3-AXIS MAGNETIC SENSOR
HMC1042L HONEYWELL-HMC1042L Datasheet
409Kb / 6P
2-Axis Magnetic Sensor
HMC1043-TR HONEYWELL-HMC1043-TR Datasheet
353Kb / 6P
3-Axis Magnetic Sensor
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
AMR Angle Sensor
logo
Honeywell Solid State E...
HMC1041Z HONEYWELL-HMC1041Z Datasheet
284Kb / 6P
One-Axis Magnetic Sensor
logo
MultiDimension Technolo...
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3013P MULTIDIMENSION-AMR3013P Datasheet
643Kb / 4P
AMR3013P AMR Angle Sensor
Ver. 1.2
TMR3004 MULTIDIMENSION-TMR3004 Datasheet
606Kb / 5P
TMR High Magnetic Field Dual-Axis Angle Sensor
V1.0b
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com